Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5KE68A Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # 1.5KE68A
Description  1500W, 6.8V - 440V Transient Voltage Suppressor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1.5KE68A Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  1.5KE68A Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1.5KE68A Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1.5KE68A Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1.5KE68A Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1.5KE68A Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd 1.5KE68A Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CREAT BY ART
Test
Stand-Off
Maximum
Maximum
Maximum
Maximum
Current
Voltage
Reverse Leakage Peak Pulse Clamping Voltage Temperature
IT
VWM
@ VWM
Current IPPM
@ IPPM
Coefficient
VMin
Max
(mA)
(V)
ID (μA)
(A) (Note 2)
Vc(V)
of VBR(%/°C)
1N6267
1.5KE6.8
6.8
6.12
7.48
10
5.50
1000
145
10.8
0.057
1N6267A
1.5KE6.8A
6.8
6.45
7.14
10
5.80
1000
150
10.5
0.057
1N6268
1.5KE7.5
7.5
6.75
8.25
10
6.05
500
134
11.7
0.061
1N6268A
1.5KE7.5A
7.5
7.13
7.88
10
6.40
500
139
11.3
0.061
1N6269
1.5KE8.2
8.2
7.38
9.02
10
6.63
200
126
12.5
0.065
1N6269A
1.5KE8.2A
8.2
7.79
8.61
10
7.02
200
130
12.1
0.065
1N6270
1.5KE9.1
9.1
8.19
10.00
1.0
7.37
50
114
13.8
0.068
1N6270A
1.5KE9.1A
9.1
8.65
9.55
1.0
7.78
50
117
13.4
0.068
1N6271
1.5KE10
10
9.00
11.00
1.0
8.10
10
105
15.0
0.073
1N6271A
1.5KE10A
10
9.50
10.5
1.0
8.55
10
108
14.5
0.073
1N6272
1.5KE11
11
9.90
12.1
1.0
8.92
1
97
16.2
0.075
1N6272A
1.5KE11A
11
10.5
11.6
1.0
9.40
1
100
15.6
0.075
1N6273
1.5KE12
12
10.8
13.2
1.0
9.72
1
91
17.3
0.078
1N6273A
1.5KE12A
12
11.4
12.6
1.0
10.20
1
94
16.7
0.078
1N6274
1.5KE13
13
11.7
14.3
1.0
10.50
1
82
19.0
0.081
1N6274A
1.5KE13A
13
12.4
13.7
1.0
11.10
1
86
18.2
0.081
1N6275
1.5KE15
15
13.5
16.5
1.0
12.10
1
71
22.0
0.084
1N6275A
1.5KE15A
15
14.3
15.8
1.0
12.80
1
74
21.2
0.084
1N6276
1.5KE16
16
14.4
17.6
1.0
12.90
1
67
23.5
0.086
1N6276A
1.5KE16A
16
15.2
16.8
1.0
13.60
1
70
22.5
0.086
1N6277
1.5KE18
18
16.2
19.8
1.0
14.50
1
59
26.5
0.088
1N6277A
1.5KE18A
18
17.1
18.9
1.0
15.30
1
60
25.5
0.088
1N6278
1.5KE20
20
18.0
22.0
1.0
16.20
1
54
29.1
0.090
1N6278A
1.5KE20A
20
19.0
21.0
1.0
17.10
1
56
27.7
0.090
1N6279
1.5KE22
22
19.8
24.2
1.0
17.80
1
49
31.9
0.092
1N6279A
1.5KE22A
22
20.9
23.1
1.0
18.80
1
51
30.6
0.092
1N6280
1.5KE24
24
21.6
26.4
1.0
19.40
1
45
34.7
0.094
1N6280A
1.5KE24A
24
22.8
25.2
1.0
20.50
1
47
33.2
0.094
1N6281
1.5KE27
27
24.3
29.7
1.0
21.80
1
40
39.1
0.096
1N6281A
1.5KE27A
27
25.7
28.4
1.0
23.10
1
42
37.5
0.096
1N6282
1.5KE30
30
27.0
33.0
1.0
24.30
1
36
43.5
0.097
1N6282A
1.5KE30A
30
28.5
31.5
1.0
25.60
1
38
41.4
0.097
1N6283
1.5KE33
33
29.7
36.3
1.0
26.80
1
33
47.7
0.098
1N6283A
1.5KE33A
33
31.4
34.7
1.0
28.20
1
34
45.7
0.098
1N6284
1.5KE36
36
32.4
39.6
1.0
29.10
1
30
52.0
0.099
1N6284A
1.5KE36A
36
34.2
37.8
1.0
30.80
1
31
49.9
0.099
1N6285
1.5KE39
39
35.1
42.9
1.0
31.60
1
27
56.4
0.100
1N6285A
1.5KE39A
39
37.1
41.0
1.0
33.30
1
29
53.9
0.100
1N6286
1.5KE43
43
38.7
47.3
1.0
34.80
1
25
61.9
0.101
1N6286A
1.5KE43A
43
40.9
45.2
1.0
36.80
1
26
59.3
0.101
1N6287
1.5KE47
47
42.3
51.7
1.0
38.10
1
23
67.8
0.101
1N6287A
1.5KE47A
47
44.7
49.4
1.0
40.20
1
24
64.8
0.101
1N6288
1.5KE51
51
45.9
56.1
1.0
41.30
1
21
73.5
0.102
1N6288A
1.5KE51A
51
48.5
53.6
1.0
43.60
1
22
70.1
0.102
1N6289
1.5KE56
56
50.4
61.6
1.0
45.40
1
19
80.5
0.103
1N6289A
1.5KE56A
56
53.2
58.8
1.0
47.80
1
20
77.0
0.103
Document Number: DS_D1409026
Version: M15
1.5KE SERIES
Taiwan Semiconductor
JEDEC
TYPE
NUMBER
GENERAL
PART
NUMBER
Breakdown Voltage
VBR (V)
(Note 1)
Nominal
Voltage


Similar Part No. - 1.5KE68A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1.5KE68A TRSYS-1.5KE68A Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
STMicroelectronics
1.5KE68A STMICROELECTRONICS-1.5KE68A Datasheet
142Kb / 10P
   Transil
logo
Pan Jit International I...
1.5KE68A PANJIT-1.5KE68A Datasheet
87Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
HY ELECTRONIC CORP.
1.5KE68A HY-1.5KE68A Datasheet
472Kb / 4P
   Unidirectional and Bidirectional Transient Voltage Suppressors
logo
Diodes Incorporated
1.5KE68A DIODES-1.5KE68A Datasheet
89Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
More results

Similar Description - 1.5KE68A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1.5KE TSC-1.5KE Datasheet
201Kb / 6P
   1500W, 6.8V - 440V Transient Voltage Suppressor
P4KE6.8 TSC-P4KE6.8_15 Datasheet
200Kb / 7P
   400W, 6.8V - 440V Transient Voltage Suppressor
P6KE TSC-P6KE_15 Datasheet
180Kb / 6P
   600W, 6.8V - 440V Transient Voltage Suppressor
logo
Formosa MS
1.5KE6.8 FORMOSA-1.5KE6.8 Datasheet
145Kb / 6P
   1500W Axial Lead Transient Voltage uppressors - 6.8V-440V
logo
Taiwan Semiconductor Co...
1.5SMC TSC-1.5SMC_15 Datasheet
192Kb / 7P
   1500W, 6.8V - 200V Surface Mount Transient Voltage Suppressor
logo
Digitron Semiconductors
1N6356 DIGITRON-1N6356 Datasheet
223Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
15KE6V8CA DIODES-15KE6V8CA Datasheet
69Kb / 3P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
DS21503 Rev. 9 - 2
logo
Comchip Technology
1.5KE COMCHIP-1.5KE Datasheet
131Kb / 6P
   1500W Transient Voltage Suppressor
logo
Diodes Incorporated
1.5KE6V8(C)A DIODES-1.5KE6V8(C)A Datasheet
301Kb / 4P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Sirectifier Global Corp...
1N6267 SIRECT-1N6267 Datasheet
226Kb / 6P
   1500W TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com