Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1143 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1143
Description  Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1143 Datasheet(HTML) 1 Page - Linear Technology

  LTC1143 Datasheet HTML 1Page - Linear Technology LTC1143 Datasheet HTML 2Page - Linear Technology LTC1143 Datasheet HTML 3Page - Linear Technology LTC1143 Datasheet HTML 4Page - Linear Technology LTC1143 Datasheet HTML 5Page - Linear Technology LTC1143 Datasheet HTML 6Page - Linear Technology LTC1143 Datasheet HTML 7Page - Linear Technology LTC1143 Datasheet HTML 8Page - Linear Technology LTC1143 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
LTC1143/LTC1143L
LTC1143L-ADJ
s
Dual Outputs
LTC1143, LTC1143L: 3.3V, 5V
LTC1143L-ADJ: Dual Adjustable
s
Very High Efficiency: Over 95% Possible
s
Current Mode Operation for Excellent Line and Load
Transient Response
s
High Efficiency Maintained over Three Decades of
Output Current
s
Low Standby Current at Light Loads: 160
µA/Output
s
Logic-Controlled Shutdown (LTC1143, LTC1143L)
s
Wide VIN Range: 3.5V to 16V
(LTC1143L, LTC1143L-ADJ)
s
Very Low Dropout Operation: 100% Duty Cycle
s
Available in Narrow 16-Pin SO Package
The LTC1143 series is a dual step-down switching regulator
controller featuring automatic Burst Mode
TM operation to
maintain high efficiencies at low output currents. This
device is composed of two separate regulator blocks,
each driving an external power MOSFET at switching
frequencies up to 400kHz using a constant off-time current
mode architecture. Both fixed and adjustable voltages are
available.
The operating current level for both regulators is user-
programmable via an external current sense resistor.
Wide input supply range allows operation from 4V to 14V
(16V maximum). The LTC1143L and LTC1143L-ADJ
extend operation to VIN = 3.5V. 100% duty cycle provides
low dropout regulation limited only by the RDS(ON) of the
external MOSFET and resistance of the inductor and
current sense resistor.
The LTC1143 series is ideal for applications requiring dual
output voltages with high conversion efficiencies over a
wide load current range in a small amount of board space.
DESCRIPTION
FEATURES
Figure 1. High Efficiency Dual 3.3V/2.5V Regulator
1000pF
100pF
+
+
+
1000pF
P-DRIVE 1
SENSE+ 1
SENSE1
VFB1
VFB2
GND1
CT1
ITH1
ITH2
CT2
GND2
SENSE2
SENSE+ 2
P-DRIVE 2
VIN1
VIN2
LTC1143L-ADJ
CT2
300pF
3
2
14
15
7
611
RC2
1k
CC1
3300pF
CC2
3300pF
CT1
300pF
RC1
1k
0.22
µF
13
5
12
9
8
10
4
1
16
VOUT2
2.5V/2A
COUT2
220
µF
10V
× 2
RSENSE2
0.05
P1B
L2
27
µH
D2
MBRS320T3
0.22
µF
CIN2
22
µF
25V
× 2
CIN1
22
µF
25V
× 2
P1A
D1
MBRS320T3
COUT1
220
µF
10V
× 2
L1
27
µH
RSENSE1
0.05
R2
82.5k
1%
R1
49.9k
1%
VOUT1
3.3V/2A
R3
49.9k
1%
R4
49.9k
1%
VIN
4V TO 14V
1143 F01
+
L1, L2: SUMIDA CDRH125-270
P1: SILICONIX Si4953DY/FAIRCHILD NDS8947
RSENSE1, RSENSE2: DALE WSL-2010-.05
100pF
Burst Mode is a trademark of Linear Technology Corporation.
, LTC and LT are registered trademarks of Linear Technology Corporation.
Dual High Efficiency SO-16
Step-Down Switching Regulator
Controllers
TYPICAL APPLICATION
APPLICATIONS
s
Personal Digital Assistants
s
Notebook and Palmtop Computers
s
Battery-Operated Digital Devices
s
Portable Instruments
s
DC Power Distribution Systems


Similar Part No. - LTC1143

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1143L-ADJ LINER-LTC1143L-ADJ_15 Datasheet
320Kb / 20P
   Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers
LTC1143L LINER-LTC1143L_15 Datasheet
320Kb / 20P
   Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers
LTC1143 LINER-LTC1143_15 Datasheet
320Kb / 20P
   Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers
More results

Similar Description - LTC1143

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1143 LINER-LTC1143_15 Datasheet
320Kb / 20P
   Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers
LTC1143L-ADJ LINER-LTC1143L-ADJ_15 Datasheet
320Kb / 20P
   Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers
LTC1143L LINER-LTC1143L_15 Datasheet
320Kb / 20P
   Dual High Efficiency SO-16 Step-Down Switching Regulator Controllers
LTC1147-5 LINER-LTC1147-5_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
logo
Analog Devices
ADP1147 AD-ADP1147 Datasheet
195Kb / 12P
   High Efficiency Step-Down Switching Regulator Controllers
REV. 0
logo
Linear Technology
LTC1147-3.3 LINER-LTC1147-3.3_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
LTC1147L LINER-LTC1147L_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
LTC1147-3.3 LINER-LTC1147-3.3 Datasheet
218Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
logo
Rohm
BD9137MUV ROHM-BD9137MUV Datasheet
590Kb / 17P
   High Efficiency Step-down Switching Regulator
BD9011EKN-E2 ROHM-BD9011EKN-E2 Datasheet
554Kb / 29P
   Dual-output, high voltage, high-efficiency step-down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com