Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1.5SMC18 Datasheet(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

Part # 1.5SMC18
Description  1500W, 6.8V - 200V Surface Mount Transient Voltage Suppressor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

1.5SMC18 Datasheet(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

  1.5SMC18 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd 1.5SMC18 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd 1.5SMC18 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd 1.5SMC18 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd 1.5SMC18 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd 1.5SMC18 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd 1.5SMC18 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Min
Max
Min
Max
A
2.90
3.20
0.114
0.126
B
6.60
7.11
0.260
0.280
C
5.59
6.22
0.220
0.245
D
2.00
2.62
0.079
0.103
E
1.00
1.60
0.039
0.063
F
7.75
8.13
0.305
0.320
G
0.10
0.20
0.004
0.008
H
0.15
0.31
0.006
0.012
P/N
= Specific Device Code
G
= Green Compound
YW
= Date Code
F
= Factory Code
Document Number: DS_D1409027
Version: M15
MARKING DIAGRAM
D
4.4
0.173
E
9.4
0.370
B
2.5
0.098
C
6.8
0.268
SUGGESTED PAD LAYOUT
Symbol
Unit (mm)
Unit (inch)
A
3.3
0.130
1.5SMC SERIES
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
DIM.
Unit (mm)
Unit (inch)
DO-214AB (SMC)


Similar Part No. - 1.5SMC18

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1.5SMC18 TSC-1.5SMC18 Datasheet
68Kb / 4P
   Surface Mount Transient Voltage Suppressor
logo
Zibo Seno Electronic En...
1.5SMC18 ZSELEC-1.5SMC18 Datasheet
80Kb / 5P
   6.8 to 440Volts 1500Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
List of Unclassifed Man...
1.5SMC18 ETC1-1.5SMC18 Datasheet
97Kb / 6P
   1500 W Unidirectional and Bidirectional Surface Mounted Transient Voltage Suppressor Diodes
logo
Nantong Hornby Electron...
1.5SMC18 HORNBY-1.5SMC18 Datasheet
335Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
1.5SMC18 TSC-1.5SMC18 Datasheet
276Kb / 4P
   1500 Watts Surface Mount Transient Voltage Suppressor
More results

Similar Description - 1.5SMC18

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
P4SMA TSC-P4SMA_15 Datasheet
194Kb / 6P
   400W, 6.8V - 200V Surface Mount Transient Voltage Suppressor
1.5KE TSC-1.5KE_15 Datasheet
201Kb / 6P
   1500W, 6.8V - 440V Transient Voltage Suppressor
1.5KE TSC-1.5KE Datasheet
201Kb / 6P
   1500W, 6.8V - 440V Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ5.0A DIODES-SMCJ5.0A Datasheet
144Kb / 5P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 17 - 2
SMCJ50CA DIODES-SMCJ50CA Datasheet
80Kb / 3P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 11 - 2
logo
Weitron Technology
1.5KE WEITRON-1.5KE Datasheet
239Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ45A-13 DIODES-SMCJ45A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ50CA DIODES-SMCJ50CA_1 Datasheet
82Kb / 4P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 15 - 2
logo
Weitron Technology
1.5SMC WEITRON-1.5SMC Datasheet
209Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ24A-13 DIODES-SMCJ24A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com