Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA1520A Datasheet(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1520A
Description  SAW Filter 1561 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1520A Datasheet(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1520A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1520A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1520A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1520A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1520A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1520A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1520A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1520A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
3
TST DCC
Release document
C.OUTLINE DRAWING:
△ : Year Code (2009->9, 2010->0, …, 2018->8)
□ : Date Code (Follow the table from planner each year)
Date Code Table
A, B : Balance Input
E, F : Balance Output
C,D,G,H : Ground
Unit : mm
WK01
WK02
WK03
WK04
WK05
WK06
WK07
WK08
WK09
WK10
WK11
WK12
WK13
AB
C
D
E
F
G
H
I
J
K
L
M
WK14
WK15
WK16
WK17
WK18
WK19
WK20
WK21
WK22
WK23
WK24
WK25
WK26
NO
P
Q
R
S
T
U
V
W
X
Y
Z
WK27
WK28
WK29
WK30
WK31
WK32
WK33
WK34
WK35
WK36
WK37
WK38
WK39
ab
c
d
e
f
gh
i
j
k
l
m
WK40
WK41
WK42
WK43
WK44
WK45
WK46
WK47
WK48
WK49
WK50
WK51
WK52
no
pq
r
s
t
u
v
w
x
y
z


Similar Part No. - TA1520A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA1520A GOLLEDGE-TA1520A Datasheet
635Kb / 7P
   SAW Filter 1561.0MHz
More results

Similar Description - TA1520A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0967A TAI-SAW-TA0967A Datasheet
344Kb / 7P
   SAW Filter 1561 MHz
logo
RF Monolithics, Inc
SF2293E RFM-SF2293E Datasheet
131Kb / 5P
   1561 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA0967B TAI-SAW-TA0967B Datasheet
387Kb / 7P
   SAW Filter 1561 MHz SMD 3.0X3.0 mm (BW=21 MHz)
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com