Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA1494A Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1494A
Description  SAW Filter 831.5 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1494A Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1494A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1494A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1494A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1494A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1494A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1494A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1494A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 831.5 MHz
MODEL NO.: TA1494A
REV. NO.:1
A. MAXIMUM RATING:
1.Input Power Level: 15 dBm
2.DC voltage: 5 V
3.Operating Temperature: -30
°C to +85°C
4.Storage Temperature: -40
°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Center frequency
Fc
MHz
-
831.5
-
Insertion Loss
(814~849 MHz)
IL
dB
-
3
4.2
Amplitude Ripple
(814~849 MHz)
dB
-
1.1
2.6
VSWR
(814~849 MHz)
-
-
2.5
2.6
Attenuation (Reference level from 0 dB)
DC ~ 794
MHz
dB
30
46
-
869 ~ 900
MHz
dB
20
31
-
900 ~ 2300
MHz
dB
25
33
-
2300 ~ 2600
MHz
dB
25
30
-
2600 ~ 2800
MHz
dB
20
29
-
2800 ~ 3200
MHz
dB
5
26
-
3200 ~ 6000
MHz
dB
2
4
-
C. MEASUREMENT CIRCUIT:
RoHS Compliant
Lead free
Lead-free soldering
50Ω
HP Network analyzer
50Ω
SAW Filter
2
5
1,3,4,6


Similar Part No. - TA1494A

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
TA1494A GOLLEDGE-TA1494A Datasheet
282Kb / 6P
   SAW Filter 831.50MHz
More results

Similar Description - TA1494A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1494B TAI-SAW-TA1494B Datasheet
745Kb / 7P
   SAW Filter 831.5 MHz SMD 3.0횞3.0 mm (BW=35 MHz)
TF0137A TAI-SAW-TF0137A Datasheet
585Kb / 13P
   SAW DPX 831.5 / 876.5MHz Band 26 SMD 1.8X1.4mm (BW=34.52 MHz)
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TF0137B TAI-SAW-TF0137B Datasheet
564Kb / 13P
   SAW DPX 831.5 / 876.5MHz Band 26 SMD 1.8X1.4 mm(BW=34.52 MHz)
TF0137C TAI-SAW-TF0137C Datasheet
1Mb / 13P
   SAW DPX 831.5 / 876.5MHz Band 26 SMD 1.8X1.4 mm(BW=34.52 MHz)
logo
API Technologies Corp
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com