Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TST30H200CW Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TST30H200CW
Description  Trench Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TST30H200CW Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TST30H200CW Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TST30H200CW Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TST30H200CW Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TST30H200CW Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TST30H200CW Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
- Patented Trench Schottky technology
- Excellent high temperature stability
- Low forward voltage
- Low power loss/ high efficiency
- High forward surge capability
Molding compound meets UL 94 V-0 flammability rating
Packing code with suffix "G" menas green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
VRRM
V
dV/dt
V/μs
TYP
MAX
TYP
MAX
TYP
MAX
TYP
MAX
TJ = 25°C
0.69
0.78
0.75
0.88
0.81
0.90
0.84
0.92
TJ = 125°C
0.61
0.68
0.64
0.75
0.68
0.77
0.70
0.79
TJ = 25°C
-
250
-
250
-
150
-
150
μA
TJ = 125°C
10
35
10
35
3
20
3
20
mA
RθJC
°C/W
TJ
°C
TSTG
°C
Document Number: DS_D1411059
Version: E14
Note 1: Pulse test with pulse width=300μs, 1% duty cycle
Instantaneous reverse current per
diode at rated reverse voltage
Typical thermal resistance per diode
Instantaneous forward
voltage per diode (Note1)
2.2
Operating junction temperature range
Storage temperature range
per diode
Peak forward surge current, 8.3 ms single half
sine-wave superimposed on rated load per diode
IFSM
3
30
Voltage rate of change (Rated VR)
UNIT
Mounting torque:
0.56 Nm max.
Weight:
1.88 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
TST30H
120CW
Maximum repetitive peak reverse voltage
Maximum average
forward rectified current
per device
IF(AV)
Taiwan Semiconductor
Trench Schottky Rectifier
FEATURES
- Compliant to RoHS directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
TST30H
150CW
- Halogen-free according to IEC 61249-2-21 definition
TYPICAL APPLICATIONS
MECHANICAL DATA
Case:
TO-220AB
Polarity:
As marked
A
V
IF = 15A
PARAMETER
SYMBOL
TST30H
100CW
100
120
A
TST30H
200CW
150
200
Trench Schottky barrier rectifier are designed for high frequency
miniature switched mode power supplies such as adapters,
lighting and on-board DC/DC converters.
TO-220AB
TST30H100CW thru TST30H200CW
- 55 to +150
- 55 to +150
15
200
10000
VF
IR


Similar Part No. - TST30H200CW

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TST30H100CW ISC-TST30H100CW Datasheet
294Kb / 2P
   Schottky Barrier Rectifier
logo
Taiwan Semiconductor Co...
TST30H45C TSC-TST30H45C Datasheet
523Kb / 5P
   30A, 45V Dual Common Cathode Trench Schottky Rectifier
TST30H60C TSC-TST30H60C Datasheet
532Kb / 5P
   30A, 60V Dual Common Cathode Trench Schottky Rectifier
More results

Similar Description - TST30H200CW

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSD30H100CW TSC-TSD30H100CW Datasheet
259Kb / 5P
   Trench Schottky Rectifier
TSF10H100C TSC-TSF10H100C_14 Datasheet
247Kb / 5P
   Trench Schottky Rectifier
TSF20H100C TSC-TSF20H100C_14 Datasheet
223Kb / 5P
   Trench Schottky Rectifier
TSF30L100C TSC-TSF30L100C Datasheet
247Kb / 5P
   Trench Schottky Rectifier
TSP15U100S TSC-TSP15U100S Datasheet
212Kb / 4P
   Trench Schottky Rectifier
TSP20U60S TSC-TSP20U60S Datasheet
229Kb / 4P
   Trench Schottky Rectifier
TSPB10U45S TSC-TSPB10U45S Datasheet
231Kb / 4P
   Trench Schottky Rectifier
TSPB15U50S TSC-TSPB15U50S Datasheet
231Kb / 4P
   Trench Schottky Rectifier
TSPB15U100S TSC-TSPB15U100S Datasheet
232Kb / 4P
   Trench Schottky Rectifier
TST20L100CW TSC-TST20L100CW Datasheet
223Kb / 5P
   Trench Schottky Rectifier
TST20U45C TSC-TST20U45C Datasheet
244Kb / 5P
   Trench Schottky Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com