Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TST20U100C Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TST20U100C
Description  Dual High-Voltage Trench Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TST20U100C Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TST20U100C Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TST20U100C Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TST20U100C Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TST20U100C Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
TST20U100C
(TA=25°C unless otherwise noted)
Document Number: DS_D1411062
Version: B14
G
PREFERRED
PART NO.
PART NO.
PACKING CODE
PACKING CODE
SUFFIX
RATINGS AND CHARACTERISTICS CURVES
Green compound
DESCRIPTION
TST20U100C C0G
TST20U100C
C0
EXAMPLE
PACKING CODE
PACKING CODE
SUFFIX
PACKAGE
C0
TST20U100C
Taiwan Semiconductor
ORDERING INFORMATION
G
TO-220AB
50 / Tube
PACKING
0.0001
0.001
0.01
0.1
1
10
10
20
30
40
50
60
70
80
90
100
TJ=150°C
TJ=125°C
TJ=100°C
TJ=25°C
10
100
1000
10000
0.1
1
10
100
f=1.0MHz
Vslg=50mVp-p
FIG. 4 TYPICAL JUNCTION CAPACITANCE
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
TJ=125°C
TJ=150°C
TJ=100°C
TJ=25°C
FIG. 2 TYPICAL FORWARD CHARACTERISTICS
0
5
10
15
20
25
0
25
50
75
100
125
150
WITH HEATSINK
3in x 5in x 0.25in
Al-Plate
FIG. 1 FORWARD CURRENT DERATING CURVE
FIG. 3 TYPICAL REVERSE CHARACTERISTICS
CASE TEMPERATURE (oC)
FORWARD VOLTAGE (V)
REVERSE VOLTAGE (V)
PERCENT OF RATED PEAK REVERSE VOLTAGE.(%)


Similar Part No. - TST20U100C

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TST20U45C TSC-TST20U45C Datasheet
244Kb / 5P
   Trench Schottky Rectifier
TST20U45CW TSC-TST20U45CW Datasheet
214Kb / 5P
   20A, 45V - 60V Trench Schottky Rectifiers
TST20U60C TSC-TST20U60C Datasheet
244Kb / 5P
   Trench Schottky Rectifier
TST20U60CW TSC-TST20U60CW Datasheet
214Kb / 5P
   20A, 45V - 60V Trench Schottky Rectifiers
More results

Similar Description - TST20U100C

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSF20U100C TSC-TSF20U100C Datasheet
215Kb / 4P
   Dual High-Voltage Trench Schottky Rectifier
TSF20U80C TSC-TSF20U80C Datasheet
238Kb / 4P
   Dual High-Voltage Trench Schottky Rectifier
logo
Vishay Siliconix
V20200C VISHAY-V20200C_09 Datasheet
160Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
V30120C VISHAY-V30120C_12 Datasheet
163Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
V40150C VISHAY-V40150C_12 Datasheet
163Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
VB40M120C VISHAY-VB40M120C Datasheet
625Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 11-Jan-12
VT2060C VISHAY-VT2060C Datasheet
130Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 23-Mar-11
V40100K VISHAY-V40100K Datasheet
132Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 25-Jun-09
V40100PGW VISHAY-V40100PGW Datasheet
83Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 09-Feb-10
V60200PGW VISHAY-V60200PGW Datasheet
84Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 09-Feb-10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com