Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S07D-GS08 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # S07D-GS08
Description  Small Signal Fast Switching Diode, High Voltage
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S07D-GS08 Datasheet(HTML) 1 Page - Vishay Siliconix

  S07D-GS08 Datasheet HTML 1Page - Vishay Siliconix S07D-GS08 Datasheet HTML 2Page - Vishay Siliconix S07D-GS08 Datasheet HTML 3Page - Vishay Siliconix S07D-GS08 Datasheet HTML 4Page - Vishay Siliconix S07D-GS08 Datasheet HTML 5Page - Vishay Siliconix S07D-GS08 Datasheet HTML 6Page - Vishay Siliconix S07D-GS08 Datasheet HTML 7Page - Vishay Siliconix S07D-GS08 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
S07B / 07D / 07G / 07J / 07M
Document Number 85733
Rev. 1.8, 13-Apr-05
Vishay Semiconductors
www.vishay.com
1
17249
Small Signal Fast Switching Diode, High Voltage
Features
• For surface mounted applications
• Low profile package
• Ideal for automated placement
• Glass passivated
• High temperature soldering:
260 °C/ 10 seconds at terminals
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Mechanical Data
Case: JEDEC DO-219AB (SMF®) Plastic case
Polarity: Band denotes cathode end
Weight: approx. 15 mg
Packaging codes-options:
GS18 / 10 k per 13" reel (8 mm tape), 50 k/box
GS08 / 3 k per 7" reel (8 mm tape), 30 k/box
Parts Table
Part
Ordering code
Marking
Remarks
S07B
S07B-GS18 or S07B-GS08
SB
Tape and Reel
S07D
S07D-GS18 or S07D-GS08
SD
Tape and Reel
S07G
S07G-GS18 or S07G-GS08
SG
Tape and Reel
S07J
S07J-GS18 or S07J-GS08
SJ
Tape and Reel
S07M
S07M-GS18 or S07M-GS08
SM
Tape and Reel
e3


Similar Part No. - S07D-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S07D-GS08 VISHAY-S07D-GS08 Datasheet
120Kb / 7P
   Small Signal Fast Switching Diode, High Voltage
Rev. 1.8, 13-Apr-05
More results

Similar Description - S07D-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S07B VISHAY-S07B_05 Datasheet
121Kb / 7P
   Small Signal Fast Switching Diode, High Voltage
Rev. 1.8, 13-Apr-05
RS07B VISHAY-RS07B_12 Datasheet
90Kb / 6P
   Small Signal Fast Switching Diode, High Voltage
Rev. 2.0, 30-Aug-10
RS07B VISHAY-RS07B_08 Datasheet
156Kb / 7P
   Small Signal Fast Switching Diode, High Voltage
Rev. 1.8, 13-Apr-05
RS07B-M VISHAY-RS07B-M Datasheet
91Kb / 6P
   Small Signal Fast Switching Diode, High Voltage
Rev. 1.1, 30-Aug-10
BAY135 VISHAY-BAY135_12 Datasheet
73Kb / 3P
   Small Signal Fast Switching Diode, High Voltage
Rev. 1.8, 02-Aug-12
S07D VISHAY-S07D Datasheet
120Kb / 7P
   Small Signal Fast Switching Diode, High Voltage
Rev. 1.8, 13-Apr-05
BAY135 VISHAY-BAY135_V01 Datasheet
77Kb / 3P
   Small Signal Fast Switching Diode, High Voltage
01-Jan-2022
1N4151W-V VISHAY-1N4151W-V Datasheet
205Kb / 6P
   Small Signal Fast Switching Diode
Rev. 1.2, 06-Apr-05
1N4148W-V VISHAY-1N4148W-V_15 Datasheet
93Kb / 6P
   Small Signal Fast Switching Diode
Rev. 1.5, 27-Jul-12
LL4154-M VISHAY-LL4154-M Datasheet
85Kb / 4P
   Small Signal Fast Switching Diode
Rev. 1.0, 02-Mar-15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com