Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSS42U Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSS42U
Description  Surface Mount Schottky Barrier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSS42U Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSS42U Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSS42U Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSS42U Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSS42U Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
(TA=25°C unless otherwise noted)
Document Number: DS_S1411011
Version: C14
TSS42U/TSS43U
Taiwan Semiconductor
RATINGS AND CHARACTERISTICS CURVES
0.1
1
10
100
1000
0
0.2
0.4
0.6
0.8
Forward Voltage (V)
Fig.1 Forward Characteristics
-25°C
75°C
25°C
0.01
0.1
1
10
100
1000
0
1020
3040
Reverse Voltage (V)
Fig. 2 Reverse Characteristics
125°C
75°C
25°C
0
2
4
6
8
10
12
14
16
0
5
10
15
20
25
30
35
Reverse Voltage (V)
Fig. 3 Capacitance Between Terminals Characteristics
f=1MHz
0
20
40
60
80
100
120
0
25
50
75
100
125
150
Ambient Temperature (°C)
Fig. 4 Current Derating Curve
125°C
Mounting on glass epoxy PCBs


Similar Part No. - TSS42U

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSS42U TSC-TSS42U Datasheet
81Kb / 2P
   0.2Amp Surface Mount Schottky Barrier
TSS42U TSC-TSS42U Datasheet
102Kb / 2P
   0.2 Amp Surface Mount Schottky Barrier Diode
TSS42U TSC-TSS42U_10 Datasheet
102Kb / 2P
   0.2 Amp Surface Mount Schottky Barrier Diode
More results

Similar Description - TSS42U

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT42WS PANJIT-BAT42WS Datasheet
113Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
SD103AWS PANJIT-SD103AWS Datasheet
56Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54TG PANJIT-BAT54TG_09 Datasheet
111Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT42W PANJIT-BAT42W_16 Datasheet
211Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54 PANJIT-BAT54_16 Datasheet
147Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54FN2 PANJIT-BAT54FN2_16 Datasheet
191Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54FN2-AU PANJIT-BAT54FN2-AU Datasheet
194Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54STB-AU PANJIT-BAT54STB-AU_16 Datasheet
246Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54TB PANJIT-BAT54TB_16 Datasheet
279Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54TM PANJIT-BAT54TM_16 Datasheet
146Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com