Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSS42L Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSS42L
Description  Surface Mount Schottky
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSS42L Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSS42L_14 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSS42L_14 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSS42L_14 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSS42L_14 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Small Signal Product
(TA=25°C unless otherwise noted)
Document Number: DS_S1411010
Version: C14
TSS42L/TSS43L
Taiwan Semiconductor
RATINGS AND CHARACTERISTICS CURVES
0.1
1
10
100
1000
0
0.2
0.4
0.6
0.8
Forward Voltage (V)
Fig.1 Forward Characteristics
-25°C
75°C
25°C
0.001
0.01
0.1
1
10
100
1000
0
10
203040
Reverse Voltage (V)
Fig. 2 Reverse Characteristics
125°C
75°C
25°C
0
2
4
6
8
10
12
14
16
0
5
10
15
20
25
30
35
Reverse Voltage (V)
Fig. 3 Capacitance Between Terminals Characteristics
f=1MHz
0
20
40
60
80
100
120
0
25
50
75
100
125
150
Ambient Temperature (°C)
Fig. 4 Current Derating Curve
125°C


Similar Part No. - TSS42L_14

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSS42L TSC-TSS42L Datasheet
72Kb / 2P
   0.2Amp Surface Mount Schottky Barrier
More results

Similar Description - TSS42L_14

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSS40L TSC-TSS40L_14 Datasheet
175Kb / 4P
   Surface Mount Schottky
TSS70L TSC-TSS70L_14 Datasheet
179Kb / 4P
   Surface Mount Schottky
logo
Diode Semiconductor Kor...
SS22A DSK-SS22A Datasheet
188Kb / 2P
   SURFACE MOUNT SCHOTTKY
SS32A DSK-SS32A Datasheet
298Kb / 2P
   SURFACE MOUNT SCHOTTKY
SK12B DSK-SK12B Datasheet
168Kb / 2P
   SURFACE MOUNT SCHOTTKY
SMS120 DSK-SMS120 Datasheet
220Kb / 2P
   SURFACE MOUNT SCHOTTKY
SK22A DSK-SK22A Datasheet
174Kb / 2P
   SURFACE MOUNT SCHOTTKY
logo
Microdiode Electronics ...
DLSS22 CHENDA-DLSS22 Datasheet
732Kb / 2P
   SURFACE MOUNT SCHOTTKY
logo
Taiwan Semiconductor Co...
TSS54L TSC-TSS54L_14 Datasheet
178Kb / 4P
   Surface Mount Schottky
TSS0340L TSC-TSS0340L_14 Datasheet
175Kb / 4P
   Surface Mount Schottky
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com