Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3527 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC3527
Description  Dual 800mA/400mA, 1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3527 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC3527_15 Datasheet HTML 3Page - Linear Technology LTC3527_15 Datasheet HTML 4Page - Linear Technology LTC3527_15 Datasheet HTML 5Page - Linear Technology LTC3527_15 Datasheet HTML 6Page - Linear Technology LTC3527_15 Datasheet HTML 7Page - Linear Technology LTC3527_15 Datasheet HTML 8Page - Linear Technology LTC3527_15 Datasheet HTML 9Page - Linear Technology LTC3527_15 Datasheet HTML 10Page - Linear Technology LTC3527_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LTC3527/LTC3527-1
7
35271fc
TYPICAL PERFORMANCE CHARACTERISTICS
VOUT1 Load Step Response
Fixed Frequency at 1.2MHz
VOUT1 Load Step Response
Burst Mode Operation at 1.2MHz
VOUT2 Load Step Response
Fixed Frequency at 2.2MHz
VOUT and IIN During Start-Up
100μs/DIV
INPUT
CURRENT
200mA/DIV
VOUT1
1V/DIV
35271 G25
VOUT1 = 3.3V
COUT1 = 10μF
SHDN1 PIN
1V/DIV
100μs/DIV
LOAD
CURRENT
50mA/DIV
VOUT1
100mV/DIV
AC-COUPLED
35271 G26
VIN = 3.6V
VOUT1 = 5V
50mA TO 150mA STEP
COUT1 = 10μF
100μs/DIV
LOAD
CURRENT
50mA/DIV
VOUT1
100mV/DIV
AC-COUPLED
35271 G27
VIN = 3.6V
VOUT1 = 5V
20mA TO 170mA STEP
COUT1 = 10μF
100μs/DIV
LOAD
CURRENT
50mA/DIV
VOUT2
100mV/DIV
AC-COUPLED
35271 G28
VIN = 3.6V
VOUT2 = 5V
50mA TO 100mA STEP
COUT2 = 10μF
(TA = 25°C, unless otherwise noted)
VOUT1 = 5V Load Regulation
VOUT2 = 3.3V Load Regulation
ILOAD1 (mA)
0
–0.3.
–0.2
–0.1
0
0.1
100
200
300
400
35271 G29
0.2
0.3
50
150
250
350
VIN = 2.4V
L = 3.3µH
MODE = HIGH
ILOAD2 (mA)
0
–0.3.
–0.2
–0.1
0
0.1
100
200
300
35271 G30
0.2
0.3
VIN = 2.4V
L = 3.3µH
MODE = HIGH


Similar Part No. - LTC3527_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3527-1 LINER-LTC3527-1 Datasheet
2Mb / 20P
   Dual 800mA/400mA, 1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters
LTC3527-1 LINER-LTC3527-1 Datasheet
286Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters in 2mm X 2mm DFN
LTC3527-1 LINER-LTC3527-1_15 Datasheet
369Kb / 22P
   Dual 800mA/400mA, 1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters
More results

Similar Description - LTC3527_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3527 LINER-LTC3527 Datasheet
2Mb / 20P
   Dual 800mA/400mA, 1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters
LTC3527-1 LINER-LTC3527-1_15 Datasheet
369Kb / 22P
   Dual 800mA/400mA, 1.2MHz/2.2MHz Synchronous Step-Up DC/DC Converters
LT1930 LINER-LT1930 Datasheet
190Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters
LT1930A LINER-LT1930A_15 Datasheet
202Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
LT1930 LINER-LT1930_15 Datasheet
202Kb / 12P
   1A, 1.2MHz/2.2MHz, Step-Up DC/DC Converters in ThinSOT
LTC3548 LINER-LTC3548 Datasheet
275Kb / 16P
   Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548A LINER-LTC3548A Datasheet
250Kb / 20P
   Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548A LINER-LTC3548A_15 Datasheet
254Kb / 20P
   Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548 LINER-LTC3548_15 Datasheet
254Kb / 16P
   Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3523 LINER-LTC3523_15 Datasheet
263Kb / 16P
   Synchronous 600mA Step-Up and 400mA Step-Down DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com