Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2921 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2921
Description  Power Supply Tracker with Input Monitors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2921 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2921_15 Datasheet HTML 5Page - Linear Technology LTC2921_15 Datasheet HTML 6Page - Linear Technology LTC2921_15 Datasheet HTML 7Page - Linear Technology LTC2921_15 Datasheet HTML 8Page - Linear Technology LTC2921_15 Datasheet HTML 9Page - Linear Technology LTC2921_15 Datasheet HTML 10Page - Linear Technology LTC2921_15 Datasheet HTML 11Page - Linear Technology LTC2921_15 Datasheet HTML 12Page - Linear Technology LTC2921_15 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTC2921/LTC2922 Series
9
29212fa
Electronic Circuit Breaker
Placing a resistor between the VCC and SENSE pins allows
the part to detect shorts and excessive currents on the VCC
supply. The electronic circuit breaker trips when the
voltage across the resistor is >50mV for more than 1
µs. A
trip causes a fault condition which interrupts the monitor
OPERATIO
sequence, and which requires reset of the circuit breaker
latch (see Interrupting Events section). Breaker reset is
achieved by pulling V1 below the reset threshold for
>150
µs after the current falls below the trip point, or by
returning from undervoltage lockout on VCC.
The timing of a typical start-up sequence for the LTC2921/
LTC2922 is shown in Figure 2. VCCexceedstheundervoltage
lockout level at time 0. All monitor inputs settle between
the 0.5V monitor threshold and the 0.7V overvoltage
threshold by time 1, then a TIMER cycle starts. The TIMER
pin reaches 1.2V at time 2, and GATE ramping begins.
When the GATE ramp completes at time 3, the automatic
remote sense switches close. Another TIMER delay
begins at time 4 and finishes at time 5, at which time PG
is activated.
The timing of a monitor failure and subsequent regular
turn-on is shown in Figure 3. Prior to time 1, a successful
turn-on sequence had completed. At time 1, monitor V2
falls below the 0.5V reference, triggering an error. The
GATE pin, PG pin, and the remote sense switches fall at
rates determined by the pull-down currents and loading
conditions of each (times 2, 3, 4). At time 5, monitor V2
recovers, and a normal turn-on sequence begins.
TI I G DIAGRA S
VCC
SENSE
V1
V2
V3
V4
TIMER
GATE
PG
01
2
3
4
5
0.7V
0.5V
0.7V
0.5V
0.7V
0.5V
0.7V
0.5V
VCC
VCC
VCC-50mV
1.2V
1.2V
UNDERVOLTAGE
LOCKOUT LEVEL
REMOTE
SENSE
SWITCH
GATE
VCC
SENSE
V1
V2
V3
V4
TIMER
GATE
PG
12 3 4
5
0.7V
0.5V
0.7V
0.5V
0.7V
0.5V
0.7V
0.5V
0.7V
0.5V
VCC
VCC
VCC-50mV
1.2V
1.2V
UNDERVOLTAGE
LOCKOUT LEVEL
REMOTE
SENSE
SWITCH
GATE
Figure 2. Typical Start-Up Sequence
Figure 3. Monitor Failure and Start-Up Sequence Timing


Similar Part No. - LTC2921_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2921CGN LINER-LTC2921CGN Datasheet
316Kb / 20P
   Power Supply Tracker with Input Monitors
LTC2921CGN-2.5 LINER-LTC2921CGN-2.5 Datasheet
316Kb / 20P
   Power Supply Tracker with Input Monitors
LTC2921CGN-3.3 LINER-LTC2921CGN-3.3 Datasheet
316Kb / 20P
   Power Supply Tracker with Input Monitors
LTC2921IGN LINER-LTC2921IGN Datasheet
316Kb / 20P
   Power Supply Tracker with Input Monitors
LTC2921IGN-2.5 LINER-LTC2921IGN-2.5 Datasheet
316Kb / 20P
   Power Supply Tracker with Input Monitors
More results

Similar Description - LTC2921_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2921 LINER-LTC2921 Datasheet
316Kb / 20P
   Power Supply Tracker with Input Monitors
LTC2922 LINER-LTC2922_15 Datasheet
322Kb / 20P
   Power Supply Tracker with Input Monitors
LTC2926 LINER-LTC2926_15 Datasheet
547Kb / 28P
   MOSFET-Controlled Power Supply Tracker
LTC2926 LINER-LTC2926 Datasheet
541Kb / 28P
   MOSFET-Controlled Power Supply Tracker
logo
Maxim Integrated Produc...
MAX6876 MAXIM-MAX6876 Datasheet
378Kb / 39P
   EEPROM-Programmable, Quad, Power-Supply Tracker/Sequencer Circuit
Rev 0; 10/04
logo
Texas Instruments
TMP512 TI-TMP512 Datasheet
1Mb / 52P
[Old version datasheet]   Temperature and Power Supply System Monitors
TMP512 TI-TMP512_1 Datasheet
1Mb / 54P
[Old version datasheet]   Temperature and Power Supply System Monitors
TMP512 TI1-TMP512_15 Datasheet
1Mb / 61P
[Old version datasheet]   Temperature and Power Supply System Monitors
logo
Linear Technology
LTC4355 LINER-LTC4355 Datasheet
621Kb / 16P
   Positive High Voltage Ideal Diode-OR with Input Supply and Fuse Monitors
logo
Union Semiconductor, In...
UM805 UNIONSEMI-UM805 Datasheet
379Kb / 14P
   Voltage Monitors with Manual Reset Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com