Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGF1B Datasheet(PDF) 3 Page - Vishay Siliconix

Part # FGF1B
Description  Surface Mount Glass Passivated Ultrafast Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FGF1B Datasheet(HTML) 3 Page - Vishay Siliconix

  FGF1B Datasheet HTML 1Page - Vishay Siliconix FGF1B Datasheet HTML 2Page - Vishay Siliconix FGF1B Datasheet HTML 3Page - Vishay Siliconix FGF1B Datasheet HTML 4Page - Vishay Siliconix FGF1B Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
EGF1A, EGF1B, EGF1C, EGF1D
www.vishay.com
Vishay General Semiconductor
Revision: 16-Aug-13
3
Document Number: 88579
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Leakage Characteristics
Fig. 5 - Typical Junction Capacitance
Fig. 6 - Typical Transient Thermal Impedance
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
0.4
0.2
0.6
0.8
1.0
1.2
1.4
1.6
Instantaneous Forward Voltage (V)
0.01
0.1
10
1
100
1.8
T
J = 150 °C
Pulse Width = 300 µs
1 % Duty Cycle
T
J = 25 °C
60
40
20
0
100
80
0.01
0.1
10
1
100
1000
Percent of Rated Peak Reverse Voltage (%)
T
J = 100 °C
T
J = 150 °C
T
J = 25 °C
Reverse Voltage (V)
0.1
10
1
100
20
10
30
40
50
60
70
0
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
0.01
0.1
10
1
100
100
10
1
0.1
t - Pulse Duration (s)
0.167 (4.24)
0.187 (4.75)
0.0065 (0.17)
0.015 (0.38)
0.030 (0.76)
0.060 (1.52)
0.196 (4.98)
0.226 (5.74)
0.094 (2.39)
0.114 (2.90)
0.100 (2.54)
0.118 (3.00)
0.040 (1.02)
0.066 (1.68)
0.098 (2.49)
0.108 (2.74)
0.006 (0.152) TYP.
DO-214BA (GF1)
0.076 (1.93)
MAX.
0.220 (5.58)
REF.
0.060 (1.52)
MIN.
Mounting Pad Layout
Cathode Band
0.066 (1.68)
MIN.


Similar Part No. - FGF1B

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FGF2001 FCI-FGF2001 Datasheet
107Kb / 2P
   20 AMP ISOLATED POWER PACK GPP STANDARD RECTIFIERS
FGF2002 FCI-FGF2002 Datasheet
107Kb / 2P
   20 AMP ISOLATED POWER PACK GPP STANDARD RECTIFIERS
FGF2003 FCI-FGF2003 Datasheet
107Kb / 2P
   20 AMP ISOLATED POWER PACK GPP STANDARD RECTIFIERS
FGF2004 FCI-FGF2004 Datasheet
107Kb / 2P
   20 AMP ISOLATED POWER PACK GPP STANDARD RECTIFIERS
FGF2005 FCI-FGF2005 Datasheet
107Kb / 2P
   20 AMP ISOLATED POWER PACK GPP STANDARD RECTIFIERS
More results

Similar Description - FGF1B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
EGF1T VISHAY-EGF1T_11 Datasheet
82Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
BYM07-50 VISHAY-BYM07-50_11 Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
logo
Shenzhen Taychipst Elec...
EGF1T TAYCHIPST-EGF1T Datasheet
2Mb / 2P
   Surface Mount Glass Passivated Ultrafast Rectifier
logo
SEMTECH ELECTRONICS LTD...
EGL34A SEMTECH_ELEC-EGL34A Datasheet
337Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED ULTRAFAST RECTIFIER
logo
Shenzhen Luguang Electr...
BYM07-50 LUGUANG-BYM07-50 Datasheet
328Kb / 2P
   Surface Mount Glass Passivated Ultrafast Rectifier
EGL34D LUGUANG-EGL34D Datasheet
105Kb / 2P
   Surface Mount Glass Passivated Ultrafast Rectifier
EGL34F LUGUANG-EGL34F Datasheet
105Kb / 2P
   Surface Mount Glass Passivated Ultrafast Rectifier
logo
Vishay Siliconix
BYM07-XXX VISHAY-BYM07-XXX Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 11-Dec-13
EGL34X VISHAY-EGL34X Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 11-Dec-13
EGF1A VISHAY-EGF1A_11 Datasheet
82Kb / 4P
   Surface Mount Glass Passivated Ultrafast Rectifier
Revision: 15-Mar-11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com