Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES1PB Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ES1PB
Description  High Current Density Surface Mount Ultrafast Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ES1PB Datasheet(HTML) 1 Page - Vishay Siliconix

  ES1PB_15 Datasheet HTML 1Page - Vishay Siliconix ES1PB_15 Datasheet HTML 2Page - Vishay Siliconix ES1PB_15 Datasheet HTML 3Page - Vishay Siliconix ES1PB_15 Datasheet HTML 4Page - Vishay Siliconix ES1PB_15 Datasheet HTML 5Page - Vishay Siliconix ES1PB_15 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ES1PB, ES1PC, ES1PD
www.vishay.com
Vishay General Semiconductor
Revision: 19-Feb-15
1
Document Number: 88918
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
High Current Density Surface Mount Ultrafast Rectifiers
FEATURES
• Very low profile - typical height of 1.0 mm
• Ideal for automated placement
• Glass passivated pallet chip junction
• Ultrafast recovery times for high efficiency
• Low forward voltage, low power losses
• Low thermal resistance
• Meets MSL level 1 per J-STD-020, LF maximum
peak of 260 °C
• AEC-Q101 qualified
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For use in secondary rectification and freewheeling
for
ultrafast switching speeds of AC/DC and DC/DC converters
for both consumer and automotive applications.
MECHANICAL DATA
Case: DO-220AA (SMP)
Molding compound meets UL 94 V-0 flammability rating
Base
P/N-M3
-
halogen-free,
RoHS-compliant,
and
commercial grade
Base
P/NHM3
-
halogen-free,
RoHS-compliant,
and
automotive grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
M3 suffix meets JESD 201 class 2 whisker test, HM3 suffix
meets JESD 201 class 2 whisker test
Polarity: Color band denotes the cathode end
PRIMARY CHARACTERISTICS
IF(AV)
1.0 A
VRRM
100 V, 150 V, 200 V
trr
15 ns
VF at IF
0.92 V
TJ max.
150 °C
Package
DO-220AA (SMP)
Diode variations
Single die
DO-220AA (SMP)
eSMP
® Series
Available
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
ES1PB
ES1PC
ES1PD
UNIT
Device marking code
EB
EC
ED
Maximum repetitive peak reverse voltage
VRRM
100
150
200
V
Maximum average forward rectified current (fig. 1)
IF(AV)
1.0
A
Peak forward surge current 10 ms single half sine-wave
superimposed on rated load
IFSM
30
A
Operating junction and storage temperature range
TJ, TSTG
-55 to +150
°C


Similar Part No. - ES1PB_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ES1PB VISHAY-ES1PB_11 Datasheet
88Kb / 5P
   High Current Density Surface Mount Ultrafast Rectifiers
Revision: 19-Apr-11
More results

Similar Description - ES1PB_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ES1PA VISHAY-ES1PA Datasheet
153Kb / 2P
   High Current Density Surface Mount Ultrafast Rectifiers
23-Sep-04
ESH1PB VISHAY-ESH1PB_11 Datasheet
86Kb / 4P
   High Current Density Surface Mount Ultrafast Rectifiers
Revision: 19-Apr-11
ES1PD-M3 VISHAY-ES1PD-M3 Datasheet
84Kb / 4P
   High Current Density Surface Mount Ultrafast Rectifiers
Revision: 30-Oct-13
ESH1PB VISHAY-ESH1PB_V01 Datasheet
105Kb / 5P
   High Current Density Surface-Mount Ultrafast Rectifiers
01-Jan-2022
ESH1PA VISHAY-ESH1PA Datasheet
161Kb / 2P
   High Current Density Surface Mount Ultrafast Rectifiers
23-Sep-04
ES1PB VISHAY-ES1PB_V01 Datasheet
103Kb / 5P
   High Current Density Surface Mount Ultrafast Rectifiers
01-Jan-2022
UH4PBC VISHAY-UH4PBC_11 Datasheet
100Kb / 5P
   High Current Density Surface Mount Ultrafast Rectifiers
Revision: 10-May-11
ESH2PD-E3-84A VISHAY-ESH2PD-E3-84A Datasheet
92Kb / 5P
   High Current Density Surface Mount Ultrafast Rectifiers
Revision: 24-Aug-11
ESH2PB VISHAY-ESH2PB_V01 Datasheet
105Kb / 5P
   High Current Density Surface-Mount Ultrafast Rectifiers
01-Jan-2022
ESH2PB VISHAY-ESH2PB Datasheet
103Kb / 4P
   High Current Density Surface Mount Ultrafast Rectifiers
Revision: 13-May-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com