Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2376-16 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2376-16
Description  16-Bit, 250ksps, Low Power SAR ADC with 97dB SNR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2376-16 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2376-16_15 Datasheet HTML 3Page - Linear Technology LTC2376-16_15 Datasheet HTML 4Page - Linear Technology LTC2376-16_15 Datasheet HTML 5Page - Linear Technology LTC2376-16_15 Datasheet HTML 6Page - Linear Technology LTC2376-16_15 Datasheet HTML 7Page - Linear Technology LTC2376-16_15 Datasheet HTML 8Page - Linear Technology LTC2376-16_15 Datasheet HTML 9Page - Linear Technology LTC2376-16_15 Datasheet HTML 10Page - Linear Technology LTC2376-16_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTC2376-16
7
237616f
SNR, SINAD vs Temperature,
fIN = 2kHz
THD, Harmonics vs Temperature,
fIN = 2kHz
Typical perForMance characTerisTics
Supply Current vs Temperature
Shutdown Current vs Temperature
CMRR vs Input Frequency
Reference Current
vs Reference Voltage
INL/DNL vs Temperature
Full-Scale Error vs Temperature
Offset Error vs Temperature
TA = 25°C, VDD = 2.5V, OVDD = 2.5V, VCM = 2.5V,
REF = 5V, fSMPL = 250ksps, unless otherwise noted.
FREQUENCY (kHz)
0
60
40
20
80
100
120
70
85
80
75
100
95
90
237616 G17
0
0.08
0.06
0.02
0.04
0.18
0.16
0.14
0.12
0.1
237616 G18
REFERENCE VOLTAGE (V)
2.5
3.0
3.5
4.0
4.5
5.0
TEMPERATURE (°C)
98.0
237616 G10
96.0
96.5
97.0
97.5
–55 –35 –15 5
25 45 65 85 105 125
SINAD
SNR
TEMPERATURE (°C)
–110
237616 G11
–140
–135
–125
–130
–120
–115
–55 –35 –15 5
25 45 65 85 105 125
THD
2ND
3RD
TEMPERATURE (°C)
0.5
237616 G12
–0.5
–0.3
–0.1
0.1
0.3
–55
25 45 65
–35 –15 5
85 105 125
MAX INL
MAX DNL
MIN DNL
MIN INL
TEMPERATURE (°C)
2.0
237616 G13
–2.0
0
1.0
0.5
1.5
–1.0
–0.5
–1.5
–55
45
25
–35 –15 5
85
65
105 125
–FS
+FS
TEMPERATURE (°C)
1.4
1.2
237616 G15
0
0.2
0.4
0.6
0.8
1.0
–55 –35 –15 5
25 45 65 85 105 125
IVDD
IREF
IOVDD
TEMPERATURE (°C)
1.0
0.5
237616 G14
–1.0
–0.5
0
–55 –35 –15 5
25 45 65 85 105 125
TEMPERATURE (°C)
45
40
35
30
237616 G16
0
5
10
15
20
25
–55 –35 –15 5
25 45 65 85 105 125
IVDD + IOVDD + IREF


Similar Part No. - LTC2376-16_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2376-16 LINER-LTC2376-16 Datasheet
893Kb / 24P
   18-Bit, 1.6Msps, Pseudo-Differential Unipolar SAR
LTC2376-16 LINER-LTC2376-16 Datasheet
1Mb / 40P
   Octal, 18-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
LTC2376-16 LINER-LTC2376-16 Datasheet
364Kb / 22P
   Precision, Low Power Rail-to-Rail Input/Output
LTC2376-16 LINER-LTC2376-16 Datasheet
1Mb / 40P
   Octal, 16-Bit, 200ksps Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2376-16 LINER-LTC2376-16 Datasheet
885Kb / 26P
   16-Bit, 5Msps Differential Input ADC with Wide Input Common Mode Range
More results

Similar Description - LTC2376-16_15

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LTC2378-16 LINEAR_DIMENSIONS-LTC2378-16 Datasheet
765Kb / 24P
   16-Bit, 1Msps, Low Power SAR ADC with 97dB SNR
logo
Linear Technology
LTC2378-16 LINER-LTC2378-16_15 Datasheet
765Kb / 24P
   16-Bit, 1Msps, Low Power SAR ADC with 97dB SNR
LTC2377-16 LINER-LTC2377-16_15 Datasheet
764Kb / 24P
   16-Bit, 500ksps, Low Power SAR ADC with 97dB SNR
LTC2364-18 LINER-LTC2364-18_15 Datasheet
1Mb / 24P
   18-Bit, 250ksps, Pseudo- Differential Unipolar SAR ADC with 97dB SNR
LTC2391-16 LINER-LTC2391-16 Datasheet
291Kb / 24P
   16-Bit, 250ksps SAR ADC with 94dB SNR
LTC2391-16 LINER-LTC2391-16_15 Datasheet
229Kb / 24P
   16-Bit, 250ksps SAR ADC with 94dB SNR
LTC2376-18 LINER-LTC2376-18_15 Datasheet
903Kb / 24P
   18-Bit, 250ksps, Low Power SAR ADC with 102dB SNR
LTC2364-16 LINER-LTC2364-16_15 Datasheet
527Kb / 24P
   16-Bit, 250ksps, Pseudo- Differential Unipolar SAR ADC with 94.7dB SNR
LTC2368-18 LINER-LTC2368-18_15 Datasheet
2Mb / 24P
   18-Bit, 1Msps, Pseudo- Differential Unipolar SAR ADC with 97dB SNR
LTC2381-16 LINER-LTC2381-16_15 Datasheet
1Mb / 24P
   16-Bit, 250ksps, Low Power SAR ADC with Serial Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com