Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSP10H45S Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSP10H45S
Description  Trench Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSP10H45S Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSP10H45S Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSP10H45S Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSP10H45S Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSP10H45S Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSP10H45S Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Note 1: "XX" defines voltage from 45V (TSP10H45S) to 60V (TSP10H60S)
Note 2: Whole series with green compound (halogen-free)
RATINGS AND CHARACTERISTICS CURVES
(TA=25°C unless otherwise noted)
Document Number: DS_D1411065
Version: C14
PACKAGE
Green compound
DESCRIPTION
G
PACKING CODE
SUFFIX
6,000/ 13" Plastic reel
1,500/ 7" Plastic reel
TSP10H45S thru TSP10H60S
Taiwan Semiconductor
ORDERING INFORMATION
PART NO.
EXAMPLE
TSP10HXXS
(Note 1, 2)
PACKING CODE
S2
S1
SMPC
TSP10H45S
TSP10H45S S1G
S1
PACKING CODE
PREFERRED
PART NO.
PACKING
PART NO.
PACKING CODE
SUFFIX
G
SMPC
0.001
0.01
0.1
1
10
100
10
20
30
40
50
60
70
80
90
100
TSP10H45S
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG.4 TYPICAL REVERSE CHARACTERISTICS
TJ=125
oC
TJ=100
oC
TJ=25oC
TJ=150
oC
0.01
0.1
1
10
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
TJ=125
oC
TJ=100
oC
TSP10H45S
FORWARD VOLTAGE (V)
FIG.2 TYPICAL FORWARD CHARACTERISTICS
TJ=25oC
TJ=150
oC
0
2
4
6
8
10
12
50
75
100
125
150
FIG.1 FORWARD CURRENT DERATING CURVE
WITH
HEATSINK
30mm x 30mm
4 oz. pad PCB
LEAD TEMPERATURE (oC)
0.01
0.1
1
10
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
TSP10H60S
FORWARD VOLTAGE (V)
FIG.3 TYPICAL FORWARD CHARACTERISTICS
TJ=125
oC
TJ=100
oC
TJ=25oC
TJ=150
oC


Similar Part No. - TSP10H45S

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSP10H200S TSC-TSP10H200S Datasheet
191Kb / 4P
   Trench Schottky Rectifier
logo
Thinki Semiconductor Co...
TSP10H200S THINKISEMI-TSP10H200S Datasheet
1Mb / 3P
   THINKI 10 Ampere,200 Volt Traditional Planar Process Schottky Barrier Rectifier
Rev.12T
More results

Similar Description - TSP10H45S

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSD30H100CW TSC-TSD30H100CW Datasheet
259Kb / 5P
   Trench Schottky Rectifier
TSF10H100C TSC-TSF10H100C_14 Datasheet
247Kb / 5P
   Trench Schottky Rectifier
TSF20H100C TSC-TSF20H100C_14 Datasheet
223Kb / 5P
   Trench Schottky Rectifier
TSF30L100C TSC-TSF30L100C Datasheet
247Kb / 5P
   Trench Schottky Rectifier
TSP15U100S TSC-TSP15U100S Datasheet
212Kb / 4P
   Trench Schottky Rectifier
TSP20U60S TSC-TSP20U60S Datasheet
229Kb / 4P
   Trench Schottky Rectifier
TSPB10U45S TSC-TSPB10U45S Datasheet
231Kb / 4P
   Trench Schottky Rectifier
TSPB15U50S TSC-TSPB15U50S Datasheet
231Kb / 4P
   Trench Schottky Rectifier
TSPB15U100S TSC-TSPB15U100S Datasheet
232Kb / 4P
   Trench Schottky Rectifier
TST20L100CW TSC-TST20L100CW Datasheet
223Kb / 5P
   Trench Schottky Rectifier
TST20U45C TSC-TST20U45C Datasheet
244Kb / 5P
   Trench Schottky Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com