Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2338-18 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2338-18
Description  True Bipolar, Fully Differential Input ADC with 100dB SNR
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2338-18 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2338-18_15 Datasheet HTML 3Page - Linear Technology LTC2338-18_15 Datasheet HTML 4Page - Linear Technology LTC2338-18_15 Datasheet HTML 5Page - Linear Technology LTC2338-18_15 Datasheet HTML 6Page - Linear Technology LTC2338-18_15 Datasheet HTML 7Page - Linear Technology LTC2338-18_15 Datasheet HTML 8Page - Linear Technology LTC2338-18_15 Datasheet HTML 9Page - Linear Technology LTC2338-18_15 Datasheet HTML 10Page - Linear Technology LTC2338-18_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTC2338-18
7
233818f
For more information www.linear.com/2338-18
Typical perForMance characTerisTics
Supply Current vs Temperature
Sleep Current vs Temperature
Internal Reference Output vs
Temperature
Internal Reference Output
Temperature Coefficient
Distribution
CMRR vs Input Frequency
Supply Current vs Sampling Rate
INL/DNL vs Temperature
Full-Scale Error vs Temperature
Offset Error vs Temperature
TA = 25°C, VDD = 5V, OVDD = 2.5V, REFIN = 2.048V,
fSMPL = 1Msps, unless otherwise noted.
TEMPERATURE (°C)
–55 –35 –15 5
25 45 65 85 105 125
2.0
1.5
1.0
0.5
233818 G10
–2.0
–1.5
–1.0
–0.5
0
MAX INL
MAX DNL
MIN INL
MIN DNL
TEMPERATURE (°C)
12
233818 G13
0
2
4
6
8
10
–55 –35 –15 5
25 45 65 85 105 125
VDD
OVDD
DRIFT (ppm/°C)
10
8
6
4
2
0
–2
–4
–6
–8
–10
0
5
30
15
10
20
25
35
233818 G16
TEMPERATURE (°C)
120
233818 G14
0
20
40
60
80
100
–55 –35 –15 5
25 45 65 85 105 125
FREQUENCY (kHz)
0
200
100
300
400
500
50
65
60
55
80
75
70
233818 G17
233818 G15
TEMPERATURE (°C)
–55 –35 –15 5
25 45 65 85 105 125
2.0484
2.0483
2.0482
2.0481
2.0476
2.0477
2.0478
2.0479
2.0480
SAMPLING FREQUENCY (kHz)
0
12
10
6
2
8
4
0
500
900
300
700
233818 G18
1000
400
800
200
600
100
VDD
OVDD
233818 G11
TEMPERATURE (°C)
–55 –35 –15 5
25 45 65 85 105 125
20
15
10
5
–20
–15
–10
–5
0
233818 G12
TEMPERATURE (°C)
–55 –35 –15 5
25 45 65 85 105 125
5
4
3
2
1
–5
–4
–3
–2
–1
0


Similar Part No. - LTC2338-18_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2338-18 LINER-LTC2338-18 Datasheet
999Kb / 26P
   16-Bit, 250ksps, 짹10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
LTC2338-18 LINER-LTC2338-18 Datasheet
992Kb / 26P
   16-Bit, 1Msps, 짹10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
LTC2338-18 LINER-LTC2338-18 Datasheet
2Mb / 40P
   16-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2338-18 LINER-LTC2338-18 Datasheet
2Mb / 40P
   18-Bit, 1Msps 8-Channel Differential 짹10.24V Input SoftSpan ADC with Wide Input Common Mode Range
LTC2338-18 LINER-LTC2338-18 Datasheet
1Mb / 40P
   Octal, 16-Bit, 200ksps Differential SoftSpan ADC with Wide Input Common Mode Range
More results

Similar Description - LTC2338-18_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2337-18 LINER-LTC2337-18_15 Datasheet
753Kb / 24P
   True Bipolar, Fully Differential Input ADC with 100dB SNR
LTC2336-18 LINER-LTC2336-18_15 Datasheet
760Kb / 24P
   True Bipolar, Fully Differential Input ADC with 100dB SNR
LTC2328-18 LINER-LTC2328-18_15 Datasheet
1Mb / 26P
   True Bipolar, Pseudo-Differential Input ADC with 95dB SNR
LTC2326-18 LINER-LTC2326-18_15 Datasheet
1Mb / 26P
   True Bipolar, Pseudo-Differential Input ADC with 95dB SNR
LTC2327-16 LINER-LTC2327-16_15 Datasheet
1Mb / 24P
   True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
LTC2328-16 LINER-LTC2328-16_15 Datasheet
1Mb / 26P
   True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
LTC2327-18 LINER-LTC2327-18_15 Datasheet
512Kb / 26P
   True Bipolar, Pseudo-Differential Input ADC with 95dB SNR
LTC2326-16 LINER-LTC2326-16_15 Datasheet
1Mb / 24P
   True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
LTC2326-16 LINER-LTC2326-16 Datasheet
999Kb / 26P
   16-Bit, 250ksps, 짹10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
LTC2328-16 LINER-LTC2328-16 Datasheet
992Kb / 26P
   16-Bit, 1Msps, 짹10.24V True Bipolar, Pseudo-Differential Input ADC with 93.5dB SNR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com