Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1864 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1864
Description  Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1864 Datasheet(HTML) 1 Page - Linear Technology

  LTC1864_15 Datasheet HTML 1Page - Linear Technology LTC1864_15 Datasheet HTML 2Page - Linear Technology LTC1864_15 Datasheet HTML 3Page - Linear Technology LTC1864_15 Datasheet HTML 4Page - Linear Technology LTC1864_15 Datasheet HTML 5Page - Linear Technology LTC1864_15 Datasheet HTML 6Page - Linear Technology LTC1864_15 Datasheet HTML 7Page - Linear Technology LTC1864_15 Datasheet HTML 8Page - Linear Technology LTC1864_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LTC1864/LTC1865
1
18645fb
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
µPower, 16-Bit, 250ksps
1- and 2-Channel
ADCs in MSOP
The LTC®1864/LTC1865 are 16-bit A/D converters that
are offered in MSOP and SO-8 packages and operate
on a single 5V supply. At 250ksps, the supply current is
only 850μA. The supply current drops at lower speeds
because the LTC1864/LTC1865 automatically power down
between conversions. These 16-bit switched capacitor
successive approximation ADCs include sample-and-
holds. The LTC1864 has a differential analog input with an
adjustable reference pin. The LTC1865 offers a software-
selectable 2-channel MUX and an adjustable reference pin
on the MSOP version.
The 3-wire, serial I/O, small MSOP or SO-8 package and
extremely high sample rate-to-power ratio make these
ADCs ideal choices for compact, low power, high speed
systems.
These ADCs can be used in ratiometric applications or with
external references. The high impedance analog inputs
and the ability to operate with reduced spans down to
1V full scale, allow direct connection to signal sources
in many applications, eliminating the need for external
gain stages.
Single 5V Supply, 250ksps, 16-Bit Sampling ADC
n 16-Bit 250ksps ADCs in MSOP Package
n Single 5V Supply
n Low Supply Current: 850μA (Typ)
n Auto Shutdown Reduces Supply Current
to 2μA at 1ksps
n True Differential Inputs
n 1-Channel (LTC1864) or 2-Channel (LTC1865)
Versions
n SPI/MICROWIRE™ Compatible Serial I/O
n 16-Bit Upgrade to 12-Bit LTC1286/LTC1298
n Pin Compatible with 12-Bit LTC1860/LTC1861
n Guaranteed Operation to +125°C (MSOP Package)
n High Speed Data Acquisition
n Portable or Compact Instrumentation
n Low Power Battery-Operated Instrumentation
n Isolated and/or Remote Data Acquisition
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. All other
trademarks are the property of their respective owners.
Supply Current vs Sampling Frequency
1
2
3
4
8
7
6
5
VREF
IN+
IN
GND
VCC
SCK
SDO
CONV
LTC1864
18645 TA01
ANALOG INPUT
0V TO 5V
5V
1μF
SERIAL DATA LINK TO
ASIC, PLD, MPU, DSP
OR SHIFT REGISTERS
SAMPLING FREQUENCY (kHz)
0.01
1000
100
10
1
0.1
0.01
100
18645 TA02
0.1
1
10
1000


Similar Part No. - LTC1864_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1864ACMS8 LINER-LTC1864ACMS8 Datasheet
376Kb / 20P
   關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1864ACMS8 LINER-LTC1864ACMS8 Datasheet
360Kb / 24P
   Power, 16-Bit, 250ksps 1- and 2-Channel
LTC1864ACMS8 LINER-LTC1864ACMS8 Datasheet
360Kb / 24P
   Power, 16-Bit, 250ksps 1- and 2-Channel
LTC1864ACMS8 LINER-LTC1864ACMS8 Datasheet
360Kb / 24P
   Power, 16-Bit, 250ksps 1- and 2-Channel
LTC1864ACMS8-PBF LINER-LTC1864ACMS8-PBF Datasheet
375Kb / 24P
   關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
More results

Similar Description - LTC1864_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1865 LINER-LTC1865_15 Datasheet
383Kb / 24P
   Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1864 LINER-LTC1864_07 Datasheet
375Kb / 24P
   關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1864 LINER-LTC1864 Datasheet
376Kb / 20P
   關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1860 LINER-LTC1860_15 Datasheet
200Kb / 16P
   Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1861 LINER-LTC1861_15 Datasheet
200Kb / 16P
   Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1860 LINER-LTC1860_07 Datasheet
205Kb / 16P
   關Power, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1860 LINER-LTC1860 Datasheet
170Kb / 12P
   mPower, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1864L LINER-LTC1864L_15 Datasheet
363Kb / 16P
   Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1865L LINER-LTC1865L_15 Datasheet
363Kb / 16P
   Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1864L LINER-LTC1864L Datasheet
357Kb / 16P
   關Power, 3V, 16-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com