Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1756 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1756
Description  Smart Card Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1756 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1756_15 Datasheet HTML 7Page - Linear Technology LTC1756_15 Datasheet HTML 8Page - Linear Technology LTC1756_15 Datasheet HTML 9Page - Linear Technology LTC1756_15 Datasheet HTML 10Page - Linear Technology LTC1756_15 Datasheet HTML 11Page - Linear Technology LTC1756_15 Datasheet HTML 12Page - Linear Technology LTC1756_15 Datasheet HTML 13Page - Linear Technology LTC1756_15 Datasheet HTML 14Page - Linear Technology LTC1756_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LTC1755/LTC1756
10kV ESD Protection
All Smart Card pins (CLK, RST, I/O, AUX1, AUX2, VCC and
GND) can withstand over 10kV of human body model ESD
in situ. In order to ensure proper ESD protection, careful
board layout is required. The GND pin should be tied
directly to a ground plane. The VCC capacitor should be
located very close to the VCC pin and tied immediately to
the ground plane.
Capacitor Selection
The style and value of capacitors used with the LTC1755/
LTC1756 determine several parameters such as output
ripple voltage, charge pump strength, Smart Card switch
debounce time and VCC discharge rate.
Due to the switching nature of a capacitive charge pump,
low equivalent series resistance (ESR) capacitors are
recommended for the capacitors at VIN and VCC. When-
ever the flying capacitor is switched to the VCC charge
storage capacitor, considerable current flows. The prod-
uct of this high current and the ESR of the output capacitor
can generate substantial voltage spikes on the VCC output.
These spikes may cause problems with the Smart Card or
may interfere with the regulation loop of the LTC1755/
LTC1756. Therefore, ceramic or tantalum capacitors are
recommended rather than higher ESR aluminum capaci-
tors. Between ceramic and tantalum, ceramic capacitors
generally have the lowest ESR. Some manufacturers have
developed low ESR tantalum capacitors but they can be
expensive and may still have higher ESR than ceramic
types. Thus, while they cannot be avoided, ESR spikes will
typically be lowest when using ceramic capacitors.
For ceramic capacitors there are several different materi-
als available to choose from. The choice of ceramic
material is generally based on factors such as available
capacitance, case size, voltage rating, electrical perfor-
mance and cost. For example, capacitors made of Y5V
material have high packing density, which provides high
capacitance for a given case size. However, Y5V capaci-
tors tend to lose considerable capacitance over the – 40
°C
to 85
°C temperature range. X7R ceramic capacitors are
more stable over temperature but don’t provide the high
packing density. Therefore, large capacitance values are
generally not available in X7R ceramic.
The value and style of the flying capacitor are important
not only for the charge pump but also because they
provide the large debounce time for the Smart Card
detection channel. A 0.68
µF X7R capacitor is a good
choice for the flying capacitor because it provides fairly
constant capacitance over temperature and its value is not
prohibitively large.
The charge storage capacitor on the VCC pin determines
the ripple voltage magnitude and the discharge time of the
Smart Card voltage. To minimize ripple, generally, a large
value is needed. However, to meet the VCC discharge rate
specification, the value should not exceed 20
µF. A 10µF
capacitor can be used but the ripple magnitude will be
higher leading to worse apparent DC load regulation.
Typically a 15
µF to 18µF Y5V ceramic capacitor is the best
choice for the VCC charge storage capacitor. For best
performance, this capacitor should be connected as close
as possible to the VCC and GND pins. Note that most of the
electrostatic discharge (ESD) current on the Smart Card
pins is absorbed by this capacitor.
The bypass capacitor at VIN is also important. Large dips
on the input supply due to ESR may cause problems with
the internal circuitry of the LTC1755/LTC1756. A good
choice for the input bypass capacitor is a 10
µF Y5V style
ceramic
Dynamic Pull-Up Current Sources
The current sources on the bidirectional pins (DATA,
AUX2IN, AUX1IN, I/O, AUX2 and AUX1) are dynamically
activated to achieve a fast rise time with a relatively small
static current (Figure 1). Once a bidirectional pin is relin-
quished, a small start-up current begins to charge the
node. An edge rate detector determines if the pin is
Figure 1. Dynamic Pull-Up Current Sources
+
δV
δt
ISTART
17556 F01
VREF
BIDIRECTIONAL PIN
VCC OR DVCC
APPLICATIO S I FOR ATIO


Similar Part No. - LTC1756_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1756EGN LINER-LTC1756EGN Datasheet
149Kb / 12P
   Smart Card Interface
LTC1756EGN LINER-LTC1756EGN Datasheet
204Kb / 16P
   Smart Card Interface
More results

Similar Description - LTC1756_15

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6605 STMICROELECTRONICS-L6605 Datasheet
202Kb / 10P
   SMART CARD INTERFACE
logo
Linear Technology
LTC1755 LINER-LTC1755_1 Datasheet
204Kb / 16P
   Smart Card Interface
logo
Teridian Semiconductor ...
73S8010C TERIDIAN-73S8010C Datasheet
346Kb / 27P
   Smart Card Interface
73S8014RN TERIDIAN-73S8014RN Datasheet
395Kb / 28P
   Smart Card Interface
logo
Maxim Integrated Produc...
DS8113 MAXIM-DS8113 Datasheet
160Kb / 17P
   Smart Card Interface
Rev 1; 2/08
DS8023 MAXIM-DS8023 Datasheet
251Kb / 17P
   Smart Card Interface
Rev 1; 4/13
73S8014BN MAXIM-73S8014BN Datasheet
542Kb / 29P
   Smart Card Interface
Rev 2; 12/11
DS8024 MAXIM-DS8024 Datasheet
308Kb / 15P
   Smart Card Interface
Rev 2; 2/12
logo
NXP Semiconductors
TDA8034T NXP-TDA8034T Datasheet
791Kb / 29P
   Smart card interface
Rev. 2.0-12 November 2010
logo
Maxim Integrated Produc...
DS8313 MAXIM-DS8313 Datasheet
273Kb / 18P
   Smart Card Interface
Rev 1; 5/09
logo
Teridian Semiconductor ...
73S8024C TERIDIAN-73S8024C Datasheet
483Kb / 22P
   Smart Card Interface
April 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com