Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1044AIS8 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1044AIS8
Description  12V CMOS Voltage Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1044AIS8 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1044AIS8 Datasheet HTML 4Page - Linear Technology LTC1044AIS8 Datasheet HTML 5Page - Linear Technology LTC1044AIS8 Datasheet HTML 6Page - Linear Technology LTC1044AIS8 Datasheet HTML 7Page - Linear Technology LTC1044AIS8 Datasheet HTML 8Page - Linear Technology LTC1044AIS8 Datasheet HTML 9Page - Linear Technology LTC1044AIS8 Datasheet HTML 10Page - Linear Technology LTC1044AIS8 Datasheet HTML 11Page - Linear Technology LTC1044AIS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LTC1044A
PACKAGE DESCRIPTIO
1
2
3
4
0.150 – 0.157
(3.810 – 3.988)
8
7
6
5
0.189 – 0.197
(4.801 – 5.004)
0.228 – 0.244
(5.791 – 6.197)
0.016 – 0.050
0.406 – 1.270
0.010 – 0.020
(0.254 – 0.508)
× 45°
0°– 8° TYP
0.008 – 0.010
(0.203 – 0.254)
SO8 0392
0.053 – 0.069
(1.346 – 1.752)
0.014 – 0.019
(0.355 – 0.483)
0.004 – 0.010
(0.101 – 0.254)
0.050
(1.270)
BSC
S8 Package
8-Lead Plastic SOIC
N8 Package
8-Lead Plastic DIP
N8 0392
0.045 ± 0.015
(1.143 ± 0.381)
0.100 ± 0.010
(2.540 ± 0.254)
0.065
(1.651)
TYP
0.045 – 0.065
(1.143 – 1.651)
0.130 ± 0.005
(3.302 ± 0.127)
0.020
(0.508)
MIN
0.018 ± 0.003
(0.457 ± 0.076)
0.125
(3.175)
MIN
12
3
4
87
6
5
0.250 ± 0.010
(6.350 ± 0.254)
0.400
(10.160)
MAX
0.009 – 0.015
(0.229 – 0.381)
0.300 – 0.320
(7.620 – 8.128)
0.325
+0.025
–0.015
+0.635
–0.381
8.255
()
Dimensions in inches (millimeters) unless otherwise noted.
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.


Similar Part No. - LTC1044AIS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1044A LINER-LTC1044A Datasheet
221Kb / 14P
   12V CMOS Voltage Converter
LTC1044A LINER-LTC1044A_15 Datasheet
221Kb / 14P
   12V CMOS Voltage Converter
More results

Similar Description - LTC1044AIS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1044A LINER-LTC1044A_15 Datasheet
221Kb / 14P
   12V CMOS Voltage Converter
logo
Intersil Corporation
ICL7662 INTERSIL-ICL7662_06 Datasheet
223Kb / 10P
   CMOS Voltage Converter
logo
Texas Instruments
TL7660 TI-TL7660 Datasheet
335Kb / 19P
[Old version datasheet]   CMOS VOLTAGE CONVERTER
logo
Renesas Technology Corp
ICL7662 RENESAS-ICL7662 Datasheet
533Kb / 11P
   CMOS Voltage Converter
logo
Silicon Supplies
SIS7660 SS-SIS7660 Datasheet
1Mb / 5P
   CMOS Voltage Converter
logo
Texas Instruments
TL7660 TI1-TL7660_14 Datasheet
761Kb / 23P
[Old version datasheet]   CMOS VOLTAGE CONVERTER
logo
Maxim Integrated Produc...
MAX660 MAXIM-MAX660 Datasheet
108Kb / 12P
   CMOS Monolithic Voltage Converter
Rev. 2; 9/96
logo
Impala Linear Corporati...
ILC6660 IMPALA-ILC6660 Datasheet
58Kb / 5P
   CMOS MONOLITHIC VOLTAGE CONVERTER
logo
Linear Technology
LTC660 LINER-LTC660 Datasheet
262Kb / 12P
   100mA CMOS Voltage Converter
LTC660 LINER-LTC660_15 Datasheet
238Kb / 12P
   100mA CMOS Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com