Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1046I Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1046I
Description  ?쏧nductorless??5V to 5V Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1046I Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1046I Datasheet HTML 4Page - Linear Technology LTC1046I Datasheet HTML 5Page - Linear Technology LTC1046I Datasheet HTML 6Page - Linear Technology LTC1046I Datasheet HTML 7Page - Linear Technology LTC1046I Datasheet HTML 8Page - Linear Technology LTC1046I Datasheet HTML 9Page - Linear Technology LTC1046I Datasheet HTML 10Page - Linear Technology LTC1046I Datasheet HTML 11Page - Linear Technology LTC1046I Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LTC1046
8
S
APPLICATI
TYPICAL
Battery Splitter
A common need in many systems is to obtain positive and
negative supplies from a single battery or single power
supply system. Where current requirements are small, the
circuit shown in Figure 10 is a simple solution. It provides
symmetrical positive or negative output voltages, both
Figure 10. Battery Splitter
1
2
3
4
8
7
6
5
V +
OSC
LV
VOUT
BOOST
CAP +
GND
CAP
LTC1046
C1
10
µF
VB
9V
C2
10
µF
OUTPUT COMM0N
REQUIRED FOR VB < 6V
3V
≤ VB ≤ 12V
1046 F10
+VB/2
4.5V
–VB/2
–4.5V
+
equal to one half the input voltage. The output voltages are
both referenced to Pin 3 (output common). If the input
voltage between Pin 8 and Pin 5 is less than 6V, Pin 6
should also be connected to Pin 3, as shown by the
dashed line.
Paralleling for Lower Output Resistance
Additional flexibility of the LTC1046 is shown in Figures 11
and 12. Figure 11 shows two LTC1046s connected in
parallel to provide a lower effective output resistance. If,
however, the output resistance is dominated by 1/fC1,
increasing the capacitor size (C1) or increasing the fre-
quency will be of more benefit than the paralleling
circuit shown.
Figure 12 makes use of “stacking” two LTC1046s to
provide even higher voltages. In Figure 12, a negative
voltage doubler or tripler can be achieved depending upon
how Pin 8 of the second LTC1046 is connected, as shown
schematically by the switch.
1
2
3
4
8
7
6
5
V +
OSC
LV
VOUT
BOOST
CAP +
GND
CAP
LTC1046
C1
10
µF
C1
10
µF
+
1
2
3
4
8
7
6
5
V +
OSC
LV
VOUT
BOOST
CAP +
GND
CAP
LTC1046
1/4 CD4077
+
C2
20
µF
1046 F11
VOUT = –(V
+)
OPTIONAL SYNCHRONIZATION
CIRCUIT TO MINIMIZE RIPPLE
V+
Figure 11. Paralleling for 100mA Load Current
1
2
3
4
8
7
6
5
V +
OSC
LV
VOUT
BOOST
CAP +
GND
CAP
LTC1046
V+
10
µF
C1
10
µF
–(V+)
+
1
2
3
4
8
7
6
5
V +
OSC
LV
VOUT
BOOST
CAP +
GND
CAP
LTC1046
FOR VOUT = –2V
+
FOR VOUT = –3V
+
10
µF
10
µF
1046 F12
VOUT
Figure 12. Stacking for Higher Voltage


Similar Part No. - LTC1046I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1046 LINER-LTC1046_15 Datasheet
187Kb / 12P
   5V to ??V Converter
More results

Similar Description - LTC1046I

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1046 LINER-LTC1046_15 Datasheet
187Kb / 12P
   5V to ??V Converter
logo
TelCom Semiconductor, I...
TCM680 TELCOM-TCM680 Datasheet
96Kb / 7P
   5V TO 짹10V VOLTAGE CONVERTER
logo
Microchip Technology
TCM680 MICROCHIP-TCM680 Datasheet
334Kb / 18P
   5V To 짹10V Voltage Converter
2005
logo
TAMURA Corporation.
SPM0507SJ TAMURA-SPM0507SJ Datasheet
345Kb / 7P
   DC DC CONVERTER 5V 4W
Rev.C Sep, 2015
logo
Shindengen Electric Mfg...
MD1620F SHINDENGEN-MD1620F Datasheet
430Kb / 4P
   5V Stepping Down DC to DC Converter Power IC
logo
Anpec Electronics Corop...
APW8804 ANPEC-APW8804 Datasheet
436Kb / 21P
   3A 5V 1MHz Synchronous Buck Converter
logo
ams AG
AS1302 AMSCO-AS1302_07 Datasheet
1Mb / 19P
   5V/30mA Adaptive Inductorless Boost Converter
logo
Anpec Electronics Corop...
APW7323 ANPEC-APW7323 Datasheet
372Kb / 22P
   3.2A, 5V, 1MHz Synchronous Buck Converter
logo
SHANGHAI BELLING CO., L...
BL9315 BELLING-BL9315 Datasheet
358Kb / 7P
   5V 3.0A 1.5MHz Synchronous Buck Converter
logo
E-CMOS Corporation
EC9288 E-CMOS-EC9288 Datasheet
963Kb / 12P
   5V 6A 1.2MHz Synchronous Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com