Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR20A60CTFP Datasheet(PDF) 2 Page - Diodes Incorporated

Part # SBR20A60CTFP
Description  SUPER BARRIER RECTIFIER 20A SBR짰
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR20A60CTFP Datasheet(HTML) 2 Page - Diodes Incorporated

  SBR20A60CTFP Datasheet HTML 1Page - Diodes Incorporated SBR20A60CTFP Datasheet HTML 2Page - Diodes Incorporated SBR20A60CTFP Datasheet HTML 3Page - Diodes Incorporated SBR20A60CTFP Datasheet HTML 4Page - Diodes Incorporated SBR20A60CTFP Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SBR is a registered trademark of Diodes Incorporated.
SBR20A60
Document number: DS30965 Rev. 11 - 2
2 of 5
www.diodes.com
August 2012
© Diodes Incorporated
SBR20A60CT
SBR20A60CTB
SBR20A60CTFP
Maximum Ratings (Per Leg) (@TA = +25°C, unless otherwise specified.)
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VRM
60
V
Average Rectified Output Current Per Device
(Per Leg)
(Total)
IO
10
20
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
IFSM
180
A
Peak Repetitive Reverse Surge Current (2
μS - 1Khz)
IRRM
3
A
Isolation Voltage (ITO-220AB Only)
From terminal to heatsink t = 3 sec.
VAC
2000
V
Repetitive Peak Avalanche Power (1
μs, +25ºC)
PARM
7000
W
Thermal Characteristics (Per Leg)
Characteristic
Symbol
Value
Unit
Typical Thermal Resistance
Package = TO-220AB
Package = TO263
Package = ITO-220AB
RθJC
2
2
4
ºC/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
ºC
Electrical Characteristics (Per Leg) (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Forward Voltage Drop
VF
-
-
0.47
-
0.65
0.56
0.79
V
IF = 10A, TJ = +25ºC
IF = 10A, TJ = +125ºC
IF = 20A, TJ = +25ºC
Leakage Current (Note 6)
IR
-
-
0.5
100
mA
VR = 60V, TJ = +25ºC
VR = 60V, TJ = +125ºC
Notes:
6. Short duration pulse test used to minimize self-heating effect.


Similar Part No. - SBR20A60CTFP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR20A60CTFP DIODES-SBR20A60CTFP Datasheet
180Kb / 3P
   20A SBR Super Barrier Rectifier
SBR20A60 Rev. 2
SBR20A60CTFP DIODES-SBR20A60CTFP Datasheet
151Kb / 5P
   20A SBR SUPER BARRIER RECTIFIER
logo
Inchange Semiconductor ...
SBR20A60CTFP ISC-SBR20A60CTFP Datasheet
273Kb / 2P
   Schottky Barrier Rectifier
logo
Thinki Semiconductor Co...
SBR20A60CTFP THINKISEMI-SBR20A60CTFP Datasheet
916Kb / 3P
   20Ampere,60Volt Insulated Common Cathode Trench Schottky Barrier Rectifier Diodes
Rev.12T
logo
Diodes Incorporated
SBR20A60CTFP-G DIODES-SBR20A60CTFP-G Datasheet
151Kb / 5P
   20A SBR SUPER BARRIER RECTIFIER
More results

Similar Description - SBR20A60CTFP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR20U60 DIODES-SBR20U60_15 Datasheet
160Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
SBR20100CTP DIODES-SBR20100CTP_15 Datasheet
91Kb / 4P
   20A SBR짰 SUPER BARRIER RECTIFIER
SBR20A100 DIODES-SBR20A100_15 Datasheet
134Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
SBR20A120 DIODES-SBR20A120_15 Datasheet
449Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
SBR20A60CTBQ DIODES-SBR20A60CTBQ_15 Datasheet
199Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
SBR20150CT DIODES-SBR20150CT_15 Datasheet
202Kb / 5P
   20A SBR짰 SUPER BARRIER RECTIFIER
SBR20A40CT DIODES-SBR20A40CT_08 Datasheet
165Kb / 3P
   20A SBR짰 SUPER BARRIER RECTIFIER
DS30963 Rev. 3 - 2
SBR2045CT DIODES-SBR2045CT_08 Datasheet
173Kb / 3P
   20A SBR짰 SUPER BARRIER RECTIFIER
DS30958 Rev. 5 - 2
SBR20A300CT DIODES-SBR20A300CT_08 Datasheet
169Kb / 3P
   20A SBR짰 SUPER BARRIER RECTIFIER
DS30993 Rev. 4 - 2
SBR2040 DIODES-SBR2040_15 Datasheet
156Kb / 5P
   20A SBR짰 SUPER BARRIER RECTIFIER
SBR20A100CTB DIODES-SBR20A100CTB_15 Datasheet
314Kb / 5P
   SUPER BARRIER RECTIFIER 20A SBR짰
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com