Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1288 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1288
Description  3V Micropower Sampling 12-Bit A/D Converters in SO-8 Packages
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1288 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1288_15 Datasheet HTML 6Page - Linear Technology LTC1288_15 Datasheet HTML 7Page - Linear Technology LTC1288_15 Datasheet HTML 8Page - Linear Technology LTC1288_15 Datasheet HTML 9Page - Linear Technology LTC1288_15 Datasheet HTML 10Page - Linear Technology LTC1288_15 Datasheet HTML 11Page - Linear Technology LTC1288_15 Datasheet HTML 12Page - Linear Technology LTC1288_15 Datasheet HTML 13Page - Linear Technology LTC1288_15 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
LTC1285/LTC1288
APPLICATION INFORMATION
OVERVIEW
The LTC1285 and LTC1288 are 3V micropower, 12-bit,
successive approximation sampling A/D converters. The
LTC1285 typically draws 160
µA of supply current when
sampling at 7.5kHz while the LTC1288 nominally con-
sumes 210
µA of supply current when sampling at 6.6 kHz.
The extra 50
µA of supply current on the LTC1288 comes
from the reference input which is intentionally tied to the
supply. Supply current drops linearly as the sample rate is
reduced (see Supply Current vs Sample Rate). The ADCs
automatically power down when not performing conver-
sions, drawing only leakage current. They are packaged in
8-pin SO and DIP packages. The LTC1285 and LTC1288
operate on a single supply from 2.7V to 6V.
Both the LTC1285 and the LTC1288 contain a 12-bit,
switched-capacitor ADC, a sample-and-hold, and a serial
port (see Block Diagram). Although they share the same
basic design, the LTC1285 and LTC1288 differ in some
respects. The LTC1285 has a differential input and has an
external reference input pin. It can measure signals float-
ing on a DC common-mode voltage and can operate with
reduced spans to 1.5V. Reducing the spans allows it to
achieve 366
µV resolution. The LTC1288 has a two-chan-
nel input multiplexer and can convert either channel with
respect to ground or the difference between the two. The
reference input is tied to the supply pin.
SERIAL INTERFACE
The 2-channel LTC1288 communicates with micropro-
cessors and other external circuitry via a synchronous,
half duplex, 4-wire serial interface. The single channel
LTC1285 uses a 3-wire interface (see Operating Sequence
in Figures 1 and 2).
Figure 1. LTC1285 Operating Sequence
CLK
CS
tCYC
B11
B5
B6
B7
B8
B9
B10
B11
HI-Z
DOUT
tCONV
tDATA
HI-Z
tsuCS
NULL
BIT
B4
B3
B2
B1
POWER
DOWN
POWER DOWN
B0*
NULL
BIT
B10
B9
B8
tSMPL
(MSB)
(MSB)
CLK
CS
tCYC
B11*
B5
B6
B7
B8
B9
B10
B11
HI-Z
DOUT
tCONV
tDATA
HI-Z
tsuCS
NULL
BIT
LTC1285/88 • F01
B4
B3
B3
B4
B5
B6
B7
B2
B2
B1
B0
B1
B10
B9
B8
tSMPL
*AFTER COMPLETING THE DATA TRANSFER, IF FURTHER CLOCKS ARE APPLIED WITH CS LOW,
THE ADC WILL OUTPUT ZEROS INDEFINITELY.
*AFTER COMPLETING THE DATA TRANSFER, IF FURTHER CLOCKS ARE APPLIED WITH CS LOW,
THE ADC WILL OUTPUT LSB-FIRST DATA THEN FOLLOWED WITH ZEROS INDEFINITELY.
tDATA: DURING THIS TIME, THE BIAS CIRCUIT AND THE COMPARATOR POWER DOWN AND THE REFERENCE INPUT
BECOMES A HIGH IMPEDANCE NODE, LEAVING THE CLK RUNNING TO CLOCK OUT LSB-FIRST DATA OR ZEROES.


Similar Part No. - LTC1288_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1288CN8 LINER-LTC1288CN8 Datasheet
412Kb / 24P
   3V Micropower Sampling 12-Bit A/D Converters in SO-8 Packages
LTC1288CS8 LINER-LTC1288CS8 Datasheet
412Kb / 24P
   3V Micropower Sampling 12-Bit A/D Converters in SO-8 Packages
More results

Similar Description - LTC1288_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1285 LINER-LTC1285_15 Datasheet
352Kb / 24P
   3V Micropower Sampling 12-Bit A/D Converters in SO-8 Packages
LTC1285 LINER-LTC1285 Datasheet
412Kb / 24P
   3V Micropower Sampling 12-Bit A/D Converters in SO-8 Packages
LTC1286 LINER-LTC1286_15 Datasheet
297Kb / 24P
   Micropower Sampling 12-Bit A/D Converters In S0-8 Packages
LTC1298 LINER-LTC1298_15 Datasheet
297Kb / 24P
   Micropower Sampling 12-Bit A/D Converters In S0-8 Packages
LTC1286 LINER-LTC1286 Datasheet
418Kb / 24P
   Micropower Sampling 12-Bit A/D Converters In S0-8 Packages
LTC1594L LINER-LTC1594L_15 Datasheet
366Kb / 24P
   4- and 8-Channel, 3V Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1598L LINER-LTC1598L_15 Datasheet
366Kb / 24P
   4- and 8-Channel, 3V Micropower Sampling 12-Bit Serial I/O A/D Converters
LTC1594L LINER-LTC1594L Datasheet
278Kb / 24P
   4- and 8-Channel, 3V Micropower Sampling 12-Bit Serial I/O A/D Converters
logo
Sipex Corporation
SP8503 SIPEX-SP8503 Datasheet
167Kb / 12P
   12-Bit Sampling A/D Converters
HS574A SIPEX-HS574A Datasheet
160Kb / 14P
   12-bit Sampling A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com