Electronic Components Datasheet Search |
|
SBR20A60 Datasheet(PDF) 1 Page - Diodes Incorporated |
|
SBR20A60 Datasheet(HTML) 1 Page - Diodes Incorporated |
1 / 5 page SBR is a registered trademark of Diodes Incorporated. SBR20A60 Document number: DS30965 Rev. 11 - 2 1 of 5 www.diodes.com August 2012 © Diodes Incorporated SBR20A60CT SBR20A60CTB SBR20A60CTFP 20A SBR ® SUPER BARRIER RECTIFIER Features • Low Forward Voltage Drop • Excellent High Temperature Stability • Patented Super Barrier Rectifier Technology • Soft, Fast Switching Capability • Lead-Free Finish; RoHS Compliant (Notes 1 & 2) • Also Available in Green Molding Compound (Note 4) • Halogen and Antimony Free. “Green” Device (Note 3) • Qualified to AEC-Q101 Standards for High Reliability (D2PAK / TO263 Only) Mechanical Data • Case: TO-220AB, ITO-220AB, TO263 (D 2PAK) • Case Material: Molded Plastic, UL Flammability Classification Rating 94V-0 • Terminals: Matte Tin Finish annealed over Copper leadframe. Solderable per MIL-STD-202, Method 208 • Weight: TO-220AB – 1.85 grams (approximate) TO263 (D 2PAK) – 1.6 grams (approximate) ITO-220AB – 1.65 grams (approximate) Ordering Information (Notes 4 & 5) Part Number Qualification Case Packaging Pb SBR20A60CT Commercial TO-220AB 50 pieces/tube Green SBR20A60CT-G Commercial TO-220AB 50 pieces/tube Pb SBR20A60CTB Commercial TO263 50 pieces/tube Green SBR20A60CTB-G Commercial TO263 50 pieces/tube Pb SBR20A60CTB-13 Commercial TO263 800/Tape & Reel Pb SBR20A60CTBQ-13 Automotive TO263 800/Tape & Reel, 13-inch Green SBR20A60CTB-13-G Commercial TO263 800/Tape & Reel Pb SBR20A60CTFP Commercial ITO-220AB 50 pieces/tube Green SBR20A60CTFP-G Commercial ITO-220AB 50 pieces/tube Pb SBR20A60CTFP-JT Commercial ITO-220AB (Alternate) 50 pieces/tube Green SBR20A60CTFP-JT-G Commercial ITO-220AB (Alternate) 50 pieces/tube Notes: 1. EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant. All applicable RoHS exemptions applied. 2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free. 3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and <1000ppm antimony compounds. 4. For Green Molding Compound version part numbers, add "-G" suffix to part number above. Examples: SBR20A60CT-G. 5. For packaging details, go to our website at http://www.diodes.com. Marking Information TO-220AB Top View ITO-220AB Top View Package Pin Out Configuration TO-220AB Bottom View ITO-220AB Bottom View TO263 Top View SBR20A60CTFP = Product Type Marking Code AB = Foundry and Assembly Code YYWW = Date Code Marking YY = Last two digits of year (ex: 06 = 2006) WW = Week (01 - 53) SBR20A60CT = Product Type Marking Code AB = Foundry and Assembly Code YYWW = Date Code Marking YY = Last two digits of year (ex: 06 = 2006) WW = Week (01 - 53) YYWW AB 20A60CTFP SBR 20A60CT YYWW AB SBR SBR20A60CTB = Product Type Marking Code AB = Foundry and Assembly Code YYWW = Date Code Marking YY = Last two digits of year (ex: 06 = 2006) WW = Week (01 - 53) YYWW AB 20A60CTB SBR |
Similar Part No. - SBR20A60_15 |
|
Similar Description - SBR20A60_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |