Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1045CN Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1045CN
Description  Programmable Micropower Hex Translator/ Receiver/Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1045CN Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1045CN Datasheet HTML 6Page - Linear Technology LTC1045CN Datasheet HTML 7Page - Linear Technology LTC1045CN Datasheet HTML 8Page - Linear Technology LTC1045CN Datasheet HTML 9Page - Linear Technology LTC1045CN Datasheet HTML 10Page - Linear Technology LTC1045CN Datasheet HTML 11Page - Linear Technology LTC1045CN Datasheet HTML 12Page - Linear Technology LTC1045CN Datasheet HTML 13Page - Linear Technology LTC1045CN Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
LTC1045
TYPICAL APPLICATIONS
RCV OUT (5V/DIV)
RCV IN (1V/DIV)
XMT OUT (1V/DIV)
XMT IN (5V/DIV)
Logic Ground Isolation when Two Grounds are within LTC1045 Common Mode Range
+
LATCH
COMP
VCC B = 5V
VCC A = 5V
SYSTEM B
SYSTEM A
SETS LOGIC
THRESHOLD REFERRED
TO GND A
(GND B – V+ VTRIP) ≤ GND A ≤ (GND B + VCC B – 2V – VTRIP)
V= –5V
2.7k
LOGIC
OUT
GND B
1045 TA08
THREE-
STATE
BUFFER
TTL/CMOS LOGIC
1k
GND A
VOL
DIS
VOH
VTRIP
IN
OUT
ISET
V
V+
VTRIP = 1.35V
200ns/DIV
1045 TA10a
+
20
5V
11
1
TTL IN
1.4V
0.2V
XMT IN
XMT OUT
30-FT RG 174
COAX CABLE
50
13
12
10
V+
V
ISET
DIS
VOL
VOH
RCV IN
1
RCV OUT
TTL OUT
1045 TA10
+
20
5V
11
13
12
10
V+
V
ISET
DIS
VOL
VOH
50pF
Coax Cable Driver/Receiver


Similar Part No. - LTC1045CN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1045CN LINER-LTC1045CN Datasheet
226Kb / 20P
   Programmable Micropower Hex Translator/Receiver/Driver
More results

Similar Description - LTC1045CN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1045 LINER-LTC1045_15 Datasheet
230Kb / 20P
   Programmable Micropower Hex Translator/ Receiver/Driver
LTC1045 LINER-LTC1045_1 Datasheet
226Kb / 20P
   Programmable Micropower Hex Translator/Receiver/Driver
logo
ON Semiconductor
NB4N316M ONSEMI-NB4N316M_16 Datasheet
159Kb / 12P
   Receiver to CML Driver/Translator with Input Hysteresis
July, 2016 ??Rev. 6
logo
List of Unclassifed Man...
10191 ETC1-10191 Datasheet
66Kb / 1P
   HEX ECL/MST TRANSLATOR
logo
NiceRF Wireless Technol...
SRX887 G-NICE-SRX887 Datasheet
420Kb / 6P
   Micropower Superheterodyne Receiver
logo
National Semiconductor ...
F100124 NSC-F100124 Datasheet
107Kb / 4P
   Hex TTL-to-ECL Translator
F100125 NSC-F100125 Datasheet
105Kb / 4P
   Hex ECL-to-TTL Translator
logo
ON Semiconductor
MC10H604 ONSEMI-MC10H604 Datasheet
84Kb / 4P
   Registered Hex TTL/ECL Translator
1996 REV 1
MC10H607 ONSEMI-MC10H607 Datasheet
86Kb / 5P
   Registered Hex PECL/TTL Translator
1996 REV 2
MC10H606 ONSEMI-MC10H606 Datasheet
89Kb / 5P
   Registered Hex TTL/PECL Translator
1996 REV 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com