Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC694-3.3 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC694-3.3
Description  3.3V Microprocessor Supervisory Circuits
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC694-3.3 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC694-3.3_15 Datasheet HTML 7Page - Linear Technology LTC694-3.3_15 Datasheet HTML 8Page - Linear Technology LTC694-3.3_15 Datasheet HTML 9Page - Linear Technology LTC694-3.3_15 Datasheet HTML 10Page - Linear Technology LTC694-3.3_15 Datasheet HTML 11Page - Linear Technology LTC694-3.3_15 Datasheet HTML 12Page - Linear Technology LTC694-3.3_15 Datasheet HTML 13Page - Linear Technology LTC694-3.3_15 Datasheet HTML 14Page - Linear Technology LTC694-3.3_15 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTC694-3.3/LTC695-3.3
11
69453fb
APPLICATIONS INFORMATION
If battery connections are made through long wires, a
10Ω to 100Ω series resistor and a 0.1μF capacitor are
recommended to prevent any overshoot beyond VCC due
to the lead inductance (Figure 4).
Table 1 shows the state of each pin during battery back-up.
When the battery switchover section is not used, connect
VBATT to GND and VOUT to VCC.
Table 1. Input and Output Status in Battery Back-Up Mode
SIGNAL
STATUS
VCC
C2 monitors VCC for active switchover.
VOUT
VOUT is connected to VBATT through an internal PMOS switch.
VBATT
The supply current is 1μA maximum.
BATT ON
Logic high. The open-circuit output voltage is equal to VOUT.
PFI
Power failure input is ignored.
PFO
Logic low.
RESET
Logic low.
RESET
Logic high. The open-circuit output voltage is equal to VOUT.
LOW
_
LINE Logic low.
WDI
Watchdog input is ignored.
WDO
Logic high. The open-circuit output voltage is equal to VOUT.
CE IN
Chip
_
Enable input is ignored.
CE OUT
Logic high. The open-circuit output voltage is equal to VOUT.
OSC IN
OSC IN is ignored.
OSC SEL
OSC SEL is ignored.
Memory Protection
The LTC695-3.3 includes memory protection circuitry
which ensures the integrity of the data in memory by pre-
venting write operations when VCC is at invalid level. Two
additional pins, CE IN and CE OUT, control the Chip
_
Enable
or Write inputs of CMOS RAM. When VCC is 3.3V, CE OUT
follows CE IN with a typical propagation delay of 30ns.
When VCC falls below the reset voltage threshold or VBATT,
CE OUT is forced high, independent of CE IN. CE OUT is
an alternative signal to drive the CE, CS, or Write input of
battery backed up CMOS RAM. CE OUT can also be used
to drive the Store or Write input of an EEPROM, EAROM
or NOVRAM to achieve similar protection. Figure 5 shows
the timing diagram of CE IN and CE OUT.
Figure 4. 10Ω/0.1μF Combination Eliminates Inductive
Overshoot and Prevents Spurious Resets During Battery
Replacement. The 2.7M Pulls the VBATT Pin to Ground
While the Battery is Removed, Eliminating Spurious Resets
2.7M
0.1μF
VBATT
LTC694-3.3
LTC695-3.3
GND
694/5-3.3 F04
10Ω
VCC
V1
CE IN
VOUT = VBATT
CE OUT
VOUT = VBATT
V2
V1 = RESET VOLTAGE THRESHOLD
V2 = RESET VOLTAGE THRESHOLD +
RESET THRESHOLD HYSTERESIS
694/5-3.3 F05
Figure 5. Timing Diagram for CE IN and CE OUT


Similar Part No. - LTC694-3.3_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC694-3.3 LINER-LTC694-3.3 Datasheet
173Kb / 16P
   Low Voltage Supervisorwith 27 Selectable Thresholds and Watchdog Timer
LTC694-3.3 LINER-LTC694-3.3 Datasheet
148Kb / 16P
   3.3V Microprocessor Supervisory Circuits
LTC694-3.3 LINER-LTC694-3.3 Datasheet
153Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
More results

Similar Description - LTC694-3.3_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC695-3.3 LINER-LTC695-3.3_15 Datasheet
199Kb / 20P
   3.3V Microprocessor Supervisory Circuits
LTC694-3.3 LINER-LTC694-3.3 Datasheet
148Kb / 16P
   3.3V Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690T MAXIM-MAX690T_05 Datasheet
287Kb / 12P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 2; 12/05
MAX690T MAXIM-MAX690T Datasheet
100Kb / 12P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 1; 9/94
MAX690R MAXIM-MAX690R Datasheet
1Mb / 13P
   3.0V/3.3V Microprocessor Supervisory Circuits
Rev 3; 4/15
MAX690T MAXIM-MAX690T_V01 Datasheet
1Mb / 13P
   3.0V/3.3V Microprocessor Supervisory Circuits
2015
MAX793SESE MAXIM-MAX793SESE Datasheet
189Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 6; 3/10
MAX793 MAXIM-MAX793 Datasheet
150Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 1; 1/96
MAX793 MAXIM-MAX793_10 Datasheet
191Kb / 20P
   3.0V/3.3V Adjustable Microprocessor Supervisory Circuits
Rev 6; 3/10
logo
Exar Corporation
SP706SEN-L EXAR-SP706SEN-L Datasheet
855Kb / 16P
   3.0V/3.3V Low Power Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com