Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DZ23C3V6Q-7-F Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DZ23C3V6Q-7-F
Description  300mW DUAL SURFACE MOUNT ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DZ23C3V6Q-7-F Datasheet(HTML) 4 Page - Diodes Incorporated

  DZ23C3V6Q-7-F Datasheet HTML 1Page - Diodes Incorporated DZ23C3V6Q-7-F Datasheet HTML 2Page - Diodes Incorporated DZ23C3V6Q-7-F Datasheet HTML 3Page - Diodes Incorporated DZ23C3V6Q-7-F Datasheet HTML 4Page - Diodes Incorporated DZ23C3V6Q-7-F Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DZ23C2V7 - DZ23C51
Document number: DS18002 Rev. 20 - 2
4 of 5
www.diodes.com
July 2013
© Diodes Incorporated
DZ23C2V7 - DZ23C51
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
SOT23
Dim
Min
Max
Typ
A
0.37
0.51
0.40
B
1.20
1.40
1.30
C
2.30
2.50
2.40
D
0.89
1.03
0.915
F
0.45
0.60
0.535
G
1.78
2.05
1.83
H
2.80
3.00
2.90
J
0.013
0.10
0.05
K
0.903
1.10
1.00
K1
0.400
L
0.45
0.61
0.55
M
0.085
0.18
0.11

All Dimensions in mm
Dimensions Value (in mm)
Z
2.9
X
0.8
Y
0.9
C
2.0
E
1.35
A
M
J
L
D
F
B C
H
K
G
K1
X
E
Y
C
Z


Similar Part No. - DZ23C3V6Q-7-F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DZ23C3V6 VISHAY-DZ23C3V6 Datasheet
53Kb / 4P
   300 mW Dual Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
EIC discrete Semiconduc...
DZ23C3V6 EIC-DZ23C3V6 Datasheet
113Kb / 2P
   ZENER DIODE
logo
Diodes Incorporated
DZ23C3V6 DIODES-DZ23C3V6 Datasheet
60Kb / 3P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 8 - 2
logo
Vishay Siliconix
DZ23C3V6 VISHAY-DZ23C3V6 Datasheet
120Kb / 7P
   Small Signal Zener Diodes, Dual
Rev. 2.0, 08-Nov-16
logo
Diodes Incorporated
DZ23C3V6 DIODES-DZ23C3V6 Datasheet
391Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 14 - 2
More results

Similar Description - DZ23C3V6Q-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AZ23C2V7 DIODES-AZ23C2V7 Datasheet
60Kb / 3P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18003 Rev. 3 - 2
logo
Unisonic Technologies
DZ23CXX UTC-DZ23CXX Datasheet
136Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
DZ23C2V7 DIODES-DZ23C2V7_10 Datasheet
87Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 18 - 2
AZ23C2V7 DIODES-AZ23C2V7_13 Datasheet
201Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DZ23C5V1-7 DIODES-DZ23C5V1-7 Datasheet
109Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
AZ23C157 DIODES-AZ23C157 Datasheet
201Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DZ23C2V7 DIODES-DZ23C2V7 Datasheet
60Kb / 3P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 8 - 2
DZ23C2V7 DIODES-DZ23C2V7_1 Datasheet
391Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 14 - 2
DZ23C2V7 DIODES-DZ23C2V7_13 Datasheet
158Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
AZ23C2V7 DIODES-AZ23C2V7_1 Datasheet
448Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18003 Rev. 9 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com