Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSF40L100C Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSF40L100C
Description  Trench Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSF40L100C Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSF40L100C Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSF40L100C Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSF40L100C Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSF40L100C Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSF40L100C Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Document Number: DS_D1411083
Version: B14
RATINGS AND CHARACTERISTICS CURVES
(TA = 25°C unless otherwise noted)
TSF40L120C C0G
TSF40L120C
C0
G
Green compound
EXAMPLE
PREFERRED
PART NO.
PART NO.
PACKING
CODE
PACKING CODE
SUFFIX
DESCRIPTION
TSF40LXXXC
(Note 1)
C0
G
ITO-220AB
50 / Tube
Note 1: "XXX" defines voltage from 100V (TSF40L100C) to 200V (TSF40L200C)
TSF40L100C thru TSF40L200C
Taiwan Semiconductor
ORDERING INFORMATION
PART NO.
PACKING CODE
PACKING CODE
SUFFIX
PACKAGE
PACKING
0
10
20
30
40
50
0
255075
100
125
150
FIG. 1 FORWARD CURRENT DERATING CURVE
WITH HEATSINK
3in x 5in x 0.25in
Al-Plate
CASE TEMPERATURE (oC)
TSF40L100C
TSF40L120C
TSF40L150C
TSF40L200C
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
FIG. 2 TYPICAL FORWARD CHARACTERISTICS
TSF40L100C
FORWARD VOLTAGE (V)
TJ=150oC
TJ=125oC
TJ=25oC
TJ=100oC
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
FIG. 4 TYPICAL FORWARD CHARACTERISTICS
TSF40L150C
FORWARD VOLTAGE (V)
TJ=150oC
TJ=125oC
TJ=25oC
TJ=100oC
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
FIG. 3 TYPICAL FORWARD CHARACTERISTICS
TSF40L120C
FORWARD VOLTAGE (V)
TJ=150oC
TJ=125oC
TJ=25oC
TJ=100oC


Similar Part No. - TSF40L100C

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSF40L45C TSC-TSF40L45C Datasheet
236Kb / 5P
   Trench Schottky Rectifier
TSF40L60C TSC-TSF40L60C Datasheet
236Kb / 5P
   Trench Schottky Rectifier
More results

Similar Description - TSF40L100C

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSD30H100CW TSC-TSD30H100CW Datasheet
259Kb / 5P
   Trench Schottky Rectifier
TSF10H100C TSC-TSF10H100C_14 Datasheet
247Kb / 5P
   Trench Schottky Rectifier
TSF20H100C TSC-TSF20H100C_14 Datasheet
223Kb / 5P
   Trench Schottky Rectifier
TSF30L100C TSC-TSF30L100C Datasheet
247Kb / 5P
   Trench Schottky Rectifier
TSP15U100S TSC-TSP15U100S Datasheet
212Kb / 4P
   Trench Schottky Rectifier
TSP20U60S TSC-TSP20U60S Datasheet
229Kb / 4P
   Trench Schottky Rectifier
TSPB10U45S TSC-TSPB10U45S Datasheet
231Kb / 4P
   Trench Schottky Rectifier
TSPB15U50S TSC-TSPB15U50S Datasheet
231Kb / 4P
   Trench Schottky Rectifier
TSPB15U100S TSC-TSPB15U100S Datasheet
232Kb / 4P
   Trench Schottky Rectifier
TST20L100CW TSC-TST20L100CW Datasheet
223Kb / 5P
   Trench Schottky Rectifier
TST20U45C TSC-TST20U45C Datasheet
244Kb / 5P
   Trench Schottky Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com