Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DST3946DPJ Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DST3946DPJ
Description  COMPLEMENTARY NPN/PNP SURFACE MOUNT TRANSISTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DST3946DPJ Datasheet(HTML) 1 Page - Diodes Incorporated

  DST3946DPJ_15 Datasheet HTML 1Page - Diodes Incorporated DST3946DPJ_15 Datasheet HTML 2Page - Diodes Incorporated DST3946DPJ_15 Datasheet HTML 3Page - Diodes Incorporated DST3946DPJ_15 Datasheet HTML 4Page - Diodes Incorporated DST3946DPJ_15 Datasheet HTML 5Page - Diodes Incorporated DST3946DPJ_15 Datasheet HTML 6Page - Diodes Incorporated DST3946DPJ_15 Datasheet HTML 7Page - Diodes Incorporated DST3946DPJ_15 Datasheet HTML 8Page - Diodes Incorporated DST3946DPJ_15 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DST3946DPJ
Document number: DS32040 Rev. 2 - 2
1 of 9
www.diodes.com
November 2012
© Diodes Incorporated
DST3946DPJ
COMPLEMENTARY NPN/PNP SURFACE MOUNT TRANSISTOR
Features
Ultra Small Package
Epitaxial Planar Die Construction
Ideally Suited for Automated Assembly Processes
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: SOT963
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
⎯ Matte Tin annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.0027 grams (approximate)
Ordering Information (Note 4)
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
DST3946DPJ-7
T7
7
8
10,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
 
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Device Schematic
6
Q1
Q2
5
4
3
1
2
Top View
SOT963
T7 = Product Type Marking Code
T7


Similar Part No. - DST3946DPJ_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DST3946DPJ DIODES-DST3946DPJ_16 Datasheet
428Kb / 9P
   40V COMPLEMENTARY NPN/PNP SMALL SIGNAL TRANSISTOR
More results

Similar Description - DST3946DPJ_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DC0150ADJ DIODES-DC0150ADJ Datasheet
266Kb / 6P
   COMPLEMENTARY NPN/PNP SURFACE MOUNT TRANSISTOR
May 2021
DST3946DPJ DIODES-DST3946DPJ Datasheet
200Kb / 9P
   COMPLEMENTARY NPN/PNP SURFACE MOUNT TRANSISTOR
DS32040 Rev. 1 - 2
DC0150ADJ DIODES-DC0150ADJ_15 Datasheet
114Kb / 6P
   COMPLEMENTARY NPN/PNP SURFACE MOUNT TRANSISTOR
logo
TT Electronics.
2N4854U TTELEC-2N4854U Datasheet
498Kb / 4P
   Surface Mount NPN/ PNP Complementary Transistor
logo
Central Semiconductor C...
CMLT4413 CENTRAL-CMLT4413 Datasheet
584Kb / 2P
   SURFACE MOUNT COMPLEMENTARY NPN/PNP SILICON TRANSISTOR
logo
Diodes Incorporated
MMDT5451 DIODES-MMDT5451 Datasheet
45Kb / 2P
   COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30171 Rev. C-1
MMDT4146 DIODES-MMDT4146_1 Datasheet
88Kb / 5P
   COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30162 Rev. 9 - 2
logo
Unisonic Technologies
BD2378 UTC-BD2378 Datasheet
96Kb / 4P
   COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
MMDT4146 DIODES-MMDT4146_15 Datasheet
100Kb / 5P
   COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMDT5451 DIODES-MMDT5451_2 Datasheet
204Kb / 5P
   COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 9 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com