Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DST847BDJ Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DST847BDJ
Description  45V DUAL NPN SMALL SIGNAL TRANSISTOR IN SOT-963
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DST847BDJ Datasheet(HTML) 2 Page - Diodes Incorporated

  DST847BDJ_15 Datasheet HTML 1Page - Diodes Incorporated DST847BDJ_15 Datasheet HTML 2Page - Diodes Incorporated DST847BDJ_15 Datasheet HTML 3Page - Diodes Incorporated DST847BDJ_15 Datasheet HTML 4Page - Diodes Incorporated DST847BDJ_15 Datasheet HTML 5Page - Diodes Incorporated DST847BDJ_15 Datasheet HTML 6Page - Diodes Incorporated DST847BDJ_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DST847BDJ
Document number: DS32035 Rev. 2 - 2
2 of 7
www.diodes.com
March 2015
© Diodes Incorporated
DST847BDJ
Absolute Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
45
V
Emitter-Base Voltage
VEBO
6.0
V
Collector Current
IC
100
mA
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 5)
PD
300
mW
Thermal Resistance, Junction to Ambient (Note 5)
RJA
417
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
ESD rating (Note 6)
Characteristic
Symbol
Value
Unit
JEDEC Class
Electrostatic Discharge - Human Body Model
ESD HBM
4,000
V
3A
Electrostatic Discharge - Machine Model
ESD MM
200
V
B
Notes:
5. For the device mounted on minimum recommended pad layout 1oz copper that is on a single-sided 1.6mm FR4 PCB; device is measured under still air
conditions whilst operating in steady state condition.
6. Refer to JEDEC specification JESD22-A114 and JESD22-A115.


Similar Part No. - DST847BDJ_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DST847BDJ-7 DIODES-DST847BDJ-7 Datasheet
138Kb / 5P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS32035 Rev. 1 - 2
More results

Similar Description - DST847BDJ_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DST857BDJ DIODES-DST857BDJ_15 Datasheet
176Kb / 7P
   45V DUAL PNP SMALL SIGNAL TRANSISTOR IN SOT-963
BC847CDLP DIODES-BC847CDLP_15 Datasheet
204Kb / 6P
   45V DUAL NPN SMALL SIGNAL TRANSISTOR
BCW66H DIODES-BCW66H_15 Datasheet
201Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
BC847BLP4 DIODES-BC847BLP4_15 Datasheet
307Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN DFN1006
BC817-16Q DIODES-BC817-16Q Datasheet
304Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
BC847BFZ DIODES-BC847BFZ Datasheet
217Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR IN DFN0606
March 2015
BCW66H DIODES-BCW66H Datasheet
200Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
April 2013 Rev. 5 - 2
BC847BFZ DIODES-BC847BFZ_15 Datasheet
217Kb / 7P
   45V NPN SMALL SIGNAL TRANSISTOR IN DFN0606
BC817-16W DIODES-BC817-16W_15 Datasheet
144Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN SOT23
BC847BLP DIODES-BC847BLP_15 Datasheet
290Kb / 5P
   45V NPN SMALL SIGNAL TRANSISTOR IN DFN1006
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com