Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3681 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3681
Description  36V, 2A, 2.8MHz Step-Down Switching Regulator with Integrated Power Schottky Diode
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3681 Datasheet(HTML) 3 Page - Linear Technology

  LT3681_15 Datasheet HTML 1Page - Linear Technology LT3681_15 Datasheet HTML 2Page - Linear Technology LT3681_15 Datasheet HTML 3Page - Linear Technology LT3681_15 Datasheet HTML 4Page - Linear Technology LT3681_15 Datasheet HTML 5Page - Linear Technology LT3681_15 Datasheet HTML 6Page - Linear Technology LT3681_15 Datasheet HTML 7Page - Linear Technology LT3681_15 Datasheet HTML 8Page - Linear Technology LT3681_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LT3681
3
3681f
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Power Schottky Diode Forward Voltage
IDA = 1A
IDA = 2A
0.50
0.56
V
V
Power Schottky Diode Leakage Current
VDC-DA = 40V
100
μA
Switching Frequency
RT = 8.66k
RT = 29.4k
RT = 187k
2.5
1.25
250
2.8
1.4
300
3.1
1.55
350
MHz
MHz
kHz
Minimum Switch Off-Time
130
200
nS
Switch Current Limit
Duty Cycle = 5%
3.2
3.8
4.4
A
Switch VCESAT
ISW = 2A
360
mV
Boost Schottky Reverse Leakage
VSW = 10V, VBIAS = 0V
0.02
2
µA
Minimum Boost Voltage (Note 4)
1.5
2.1
V
BOOST Pin Current
ISW = 1A
18
35
mA
RUN/SS Pin Current
VRUN/SS = 2.5V
5
10
μA
RUN/SS Input Voltage High
2.5
V
RUN/SS Input Voltage Low
0.2
V
PG Threshold Offset from Feedback Voltage
VFB Rising
122
mV
PG Hysteresis
5
mV
PG Leakage
VPG = 5V
0.1
1
μA
PG Sink Current
VPG = 3V
100
600
μA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3681E is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: Bias current flows into the FB pin.
Note 4: This is the minimum voltage across the boost capacitor needed to
guarantee full saturation of the switch.
The
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 10V, VRUNS/SS = 10V VBOOST = 15V, VBIAS = 3.3V unless otherwise
noted. (Note 2)
ELECTRICAL CHARACTERISTICS


Similar Part No. - LT3681_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3681EDE LINER-LT3681EDE Datasheet
372Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator with Integrated Power Schottky Diode
More results

Similar Description - LT3681_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3681 LINER-LT3681 Datasheet
372Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator with Integrated Power Schottky Diode
LT3684 LINER-LT3684 Datasheet
330Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator
LT3684 LINER-LT3684_15 Datasheet
336Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator
LT3481 LINER-LT3481_15 Datasheet
313Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator with 50A Quiescent Current
LT3481 LINER-LT3481 Datasheet
299Kb / 24P
   36V, 2A, 2.8MHz Step-Down Switching Regulator with 50關A Quiescent Current
LT1912 LINER-LT1912 Datasheet
310Kb / 24P
   36V, 2A, 500kHz Step-Down Switching Regulator
LT1912 LINER-LT1912_15 Datasheet
375Kb / 24P
   36V, 2A, 500kHz Step-Down Switching Regulator
LT3685 LINER-LT3685_15 Datasheet
281Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator
LT3685EMSE LINER-LT3685EMSE Datasheet
281Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator
LT3685 LINER-LT3685 Datasheet
812Kb / 24P
   36V, 2A, 2.4MHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com