Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1791CN Datasheet(PDF) 5 Page - Linear Technology

Part # LT1791CN
Description  60V Fault Protected RS485/RS422 Transceivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1791CN Datasheet(HTML) 5 Page - Linear Technology

  LT1791CN Datasheet HTML 1Page - Linear Technology LT1791CN Datasheet HTML 2Page - Linear Technology LT1791CN Datasheet HTML 3Page - Linear Technology LT1791CN Datasheet HTML 4Page - Linear Technology LT1791CN Datasheet HTML 5Page - Linear Technology LT1791CN Datasheet HTML 6Page - Linear Technology LT1791CN Datasheet HTML 7Page - Linear Technology LT1791CN Datasheet HTML 8Page - Linear Technology LT1791CN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
LT1785/LT1785A
LT1791/LT1791A
TYPICAL PERFORMANCE CHARACTERISTICS
Supply Current vs Temperature
Driver Propagation Delay
vs Temperature
LT1791 Driver Output Leakage
DE = 0V
TEMPERATURE (
°C)
–40
1000
900
800
700
600
500
400
300
200
100
0
0
40
60
1785/91 G04
–20
20
80
100
HL
LH
1mA/DIV
– 60V
60V
LT1791 Receiver Input Current
vs VIN
200
µA/DIV
– 60V
60V
VIN
1785/91 G06
– 60V
60V
1mA/DIV
VA, VB
1785/91 G07
VOUT
1785/91 G05
TEMPERATURE (
°C)
–40
7
6
5
4
3
2
1
0
0
40
60
1785/91 G08
–20
20
80
100
RECEIVER ONLY
STANDBY
DRIVER AND
RECEIVER ON
Receiver Propagation Delay
vs Differential Input Voltage
LT1785 Input Characteristics
Pins A or B; DE = RE = 0V
VIN DIFFERENTIAL (V)
0
700
600
500
400
300
200
100
0
1785/91 G09
2
5
1
34
HL VCM = 12V
HL VCM = –7V
LH VCM = –7V
LH VCM = 12V
PIN FUNCTIONS
RO: Receiver Output. TTL level logic output. If the receiver
is active (RE pin low), RO is high if receiver input A
≥ B by
200mV. If A
≤ B by 200mV, then RO will be low. RO
assumes a high impedance output state when RE is high
or the part is powered off. RO is protected from output
shorts from ground to 6V.
RE: Receiver Output Enable. TTL level logic input. A logic
low on RE enables normal operation of the receiver output
RO. A logic high level at RE places the receiver output pin
RO into a high impedance state. If receiver enable RE and
driver enable DE are both in the disable state, the circuit
goes to a low power shutdown state. Placing either RE or
DE into its active state brings the circuit out of shutdown.
Shutdown state is not entered until a 3
µs delay after both
RE and DE are disabled, allowing for logic skews in
toggling between transmit and receive modes of opera-
tion. For CAN bus applications, RE should be tied low to
prevent the circuit from entering shutdown.
DE: Driver Output Enable. TTL level logic input. A logic
high on DE enables normal operation of the driver outputs
(Y and Z on LT1791, A and B on LT1785). A logic low level
at DE places the driver output pins into a high impedance


Similar Part No. - LT1791CN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1791CN LINER-LT1791CN Datasheet
194Kb / 16P
   60V Fault Protected RS485/RS422 Transceivers
LT1791CN-PBF LINER-LT1791CN-PBF Datasheet
194Kb / 16P
   60V Fault Protected RS485/RS422 Transceivers
LT1791CN-TR LINER-LT1791CN-TR Datasheet
194Kb / 16P
   60V Fault Protected RS485/RS422 Transceivers
LT1791CN-TRPBF LINER-LT1791CN-TRPBF Datasheet
194Kb / 16P
   60V Fault Protected RS485/RS422 Transceivers
More results

Similar Description - LT1791CN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1791A LINER-LT1791A_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785A LINER-LT1785A_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1791 LINER-LT1791_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785_15 Datasheet
262Kb / 18P
   60V Fault Protected RS485/RS422 Transceivers
LT1785 LINER-LT1785_1 Datasheet
194Kb / 16P
   60V Fault Protected RS485/RS422 Transceivers
LTC2863 LINER-LTC2863_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2862 LINER-LTC2862_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2865 LINER-LTC2865_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
LTC2864 LINER-LTC2864_15 Datasheet
386Kb / 26P
   60V Fault Protected 3V to 5.5V RS485/RS422 Transceivers
logo
Maxim Integrated Produc...
MAX13020 MAXIM-MAX13020_12 Datasheet
308Kb / 16P
   ±60V Fault-Protected LIN Transceivers
Rev 2; 10/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com