Electronic Components Datasheet Search |
|
TSF30U45C Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd |
|
TSF30U45C Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd |
1 / 4 page - Patented Trench Schottky technology - Excellent high temperature stability - Low forward voltage - Low power loss/ high efficiency - High forward surge capability Molding compound, UL flammability classification rating 94V-0 Packing code with suffix "G" means green compound (halogen-free) Terminal: Matte tin plated leads, solderable per JESD22-B102 Meet JESD 201 class 2 whisker test SYMBOL UNIT VRRM V dV/dt V/μs VBR V IF = 15A TJ = 25°C IF = 15A TJ = 125°C TJ = 25°C μA TJ = 125°C mA RθJC °C/W TJ °C TSTG °C Document Number: DS_D1412008 Version: F14 V 0.45 Instantaneous forward voltage per diode ( Note1 ) - 0.450 Breakdown voltage ( IR =1.0mA ) - TSF30U45C Maximum repetitive peak reverse voltage 15 Trench Schottky Rectifier TSF30U45C Taiwan Semiconductor Weight: 1.7g (approximately) FEATURES MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) ITO-220AB 150 500 10000 - IFSM - 250 VF TYPICAL APPLICATIONS Trench Schottky barrier rectifier are designed for high frequency miniature switched mode power supplies such as adapters, lighting and on-board DC/DC converters. A PARAMETER IF(AV) Typical thermal resistance per diode 4 IR Instantaneous reverse current per diode at rated reverse voltage 100 - Compliant to RoHS directive 2011/65/EU and in accordance to WEEE 2002/96/EC per device Case: ITO-220AB Maximum average forward rectified current Polarity: As marked - Note 1: Pulse test with pulse width = 300μs, 1% duty cycle Operating junction temperature range Storage temperature range - 55 to +150 Isolation voltage from terminal to heatsink t = 1 min VAC 0.50 0.415 - 55 to +150 - Halogen-free according to IEC 61249-2-21 definition Min. -50 MECHANICAL DATA Mounting torque: 0.56 Nm max. 45 1500 V A 45 30 per diode Voltage rate of change (rated VR) Peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load per diode TYP. MAX. |
Similar Part No. - TSF30U45C_14 |
|
Similar Description - TSF30U45C_14 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |