Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD754244GS Datasheet(PDF) 3 Page - NEC

Part # UPD754244GS
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD754244GS Datasheet(HTML) 3 Page - NEC

  UPD754244GS Datasheet HTML 1Page - NEC UPD754244GS Datasheet HTML 2Page - NEC UPD754244GS Datasheet HTML 3Page - NEC UPD754244GS Datasheet HTML 4Page - NEC UPD754244GS Datasheet HTML 5Page - NEC UPD754244GS Datasheet HTML 6Page - NEC UPD754244GS Datasheet HTML 7Page - NEC UPD754244GS Datasheet HTML 8Page - NEC UPD754244GS Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 88 page
background image
3
µPD754144, 754244
Functional Outline
Parameter
µPD754144
µPD754244
Instruction execution time
• 4, 8, 16, 64
µs
• 0.95, 1.91, 3.81, 15.3
µs
(at fcc = 1.0-MHz operation)
(at fx = 4.19-MHz operation)
• 0.67, 1.33, 2.67, 10.7
µs
(at fx = 6.0-MHz operation)
On-chip
Mask ROM
4096
× 8 bits (0000H-0FFFH)
memory
RAM
128
× 4 bits (000H-07FH)
EEPROM
16
× 8 bits (400H-41FH)
System clock oscillator
RC oscillator
Crystal/ceramic oscillator
(External resistor and capacitor)
General-purpose register
• 4-bit operation: 8
× 4 banks
• 8-bit operation: 4
× 4 banks
Input/output
CMOS input
4
On-chip pull-up resistor can be specified by mask option.
port
CMOS input/output
9
On-chip pull-up resistor connection can be specified by means of software.
Total
13
Start-up time after reset
56/fcc
2
17/fx, 215/fx (selected by mask option)
Stand-by mode release time
2
9/fcc
2
20/fx, 217/fx, 215/fx, 213/fx
(selected by the setting of BTM)
Timer
4 channels
• 8-bit timer counter
(can be used as 16-bit timer counter)
: 3 channels
• Basic interval/watchdog timer
: 1 channel
Bit sequential buffer
16 bits
Vectored interrupt
External: 1, Internal: 5
Test input
External: 1 (key return reset function available)
Standby function
STOP/HALT mode
Operating ambient temperature
TA = –40 to +85
°C
Operating supply voltage
VDD = 1.8 to 6.0 V
Package
• 20-pin plastic SOP (300 mil, 1.27-mm pitch)
• 20-pin plastic shrink SOP (300 mil, 0.65-mm pitch)


Similar Part No. - UPD754244GS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD754244GS-XXX-BA5 RENESAS-UPD754244GS-XXX-BA5 Datasheet
619Kb / 90P
   MOS INTEGRATED CIRCUIT
1995
UPD754244GS-XXX-BA5-A RENESAS-UPD754244GS-XXX-BA5-A Datasheet
619Kb / 90P
   MOS INTEGRATED CIRCUIT
1995
UPD754244GS-XXX-GJG RENESAS-UPD754244GS-XXX-GJG Datasheet
619Kb / 90P
   MOS INTEGRATED CIRCUIT
1995
UPD754244GS-XXX-GJG-A RENESAS-UPD754244GS-XXX-GJG-A Datasheet
619Kb / 90P
   MOS INTEGRATED CIRCUIT
1995
More results

Similar Description - UPD754244GS

ManufacturerPart #DatasheetDescription
logo
NEC
UPD753204 NEC-UPD753204 Datasheet
577Kb / 80P
   4-BIT SINGLE-CHIP MICROCONTROLLERS
UPD750064 NEC-UPD750064 Datasheet
460Kb / 82P
   4-BIT SINGLE-CHIP MICROCONTROLLERS
UPD753108 NEC-UPD753108 Datasheet
2Mb / 459P
   4-bit Single-chip Microcontrollers
UPD754202 NEC-UPD754202 Datasheet
302Kb / 66P
   4-BIT SINGLE-CHIP MICROCONTROLLERS
UPD754264 NEC-UPD754264 Datasheet
318Kb / 68P
   4-BIT SINGLE-CHIP MICROCONTROLLERS
UPD17145 NEC-UPD17145 Datasheet
408Kb / 102P
   SMALL, GENERAL-PURPOSE 4-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Renesas Technology Corp
PD17145A1 RENESAS-PD17145A1_15 Datasheet
553Kb / 104P
   SMALL, GENERAL-PURPOSE 4-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
   32-Bit Single-Chip Microcontrollers
logo
Renesas Technology Corp
UPD78F9500MA-CAC-A RENESAS-UPD78F9500MA-CAC-A Datasheet
2Mb / 342P
   8-Bit Single-Chip Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com