Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1812IS8 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1812IS8
Description  3mA, 100MHz, 750V/us Operational Amplifier with Shutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1812IS8 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1812IS8 Datasheet HTML 3Page - Linear Technology LT1812IS8 Datasheet HTML 4Page - Linear Technology LT1812IS8 Datasheet HTML 5Page - Linear Technology LT1812IS8 Datasheet HTML 6Page - Linear Technology LT1812IS8 Datasheet HTML 7Page - Linear Technology LT1812IS8 Datasheet HTML 8Page - Linear Technology LT1812IS8 Datasheet HTML 9Page - Linear Technology LT1812IS8 Datasheet HTML 10Page - Linear Technology LT1812IS8 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
LT1812
TYPICAL PERFOR A CE CHARACTERISTICS
Output Short-Circuit Current
vs Temperature
Settling Time vs Output Step
Output Impedance vs Frequency
TEMPERATURE (
°C)
–50
110
115
120
25
75
1812 G10
105
100
–25
0
50
100
125
95
90
SOURCE
SINK
VS = ± 5V
SETTLING TIME (ns)
0
–5
–4
–2
–1
0
5
2
10
20
25
1812 G11
–3
3
4
1
5
15
30
35
TA = 25°C
VS = ± 5V
AV = –1
RF = 500Ω
CF = 3pF
0.1% SETTLING
FREQUENCY (Hz)
10k
100k
0.001
0.1
100
1M
10M
100M
1812 G12
0.01
1
10
AV = 100
AV = 10
AV = 1
TA = 25°C
VS = ± 5V
Gain and Phase vs Frequency
Shutdown Supply Current
vs Temperature
Gain Bandwidth and Phase
Margin vs Temperature
FREQUENCY (Hz)
10
20
40
60
70
10k
1M
10M
1000M
1812 G13
0
100k
100M
50
30
–10
0
20
60
100
120
–20
80
40
–40
PHASE
GAIN
±5V
±5V
±2.5V
±2.5V
TA = 25°C
AV = –1
RF = RG = 500Ω
TEMPERATURE (
°C)
–50
40
50
70
25
75
1812 G14
30
20
–25
0
50
100
125
10
0
60
VSHDN = V
+ 0.4V
VS = ±5V
VS = ±2.5V
TEMPERATURE (
°C)
–50
–25
85
115
0
50
75
1812 G15
36
40
38
105
95
25
100
125
GBW
VS = ± 5V
GBW
VS = ±2.5V
PHASE MARGIN
VS = ±2.5V
PHASE MARGIN
VS = ±5V
RL = 500Ω
Gain vs Frequency
Gain vs Frequency
Gain vs Frequency
FREQUENCY (Hz)
1M
–6
–4
–2
0
2
10M
100M
500M
1812 G16
–8
–10
–12
–14
4
6
TA = 25°C
AV = 1
NO RL
VS = ±2.5V
VS = ±5V
FREQUENCY (Hz)
1M
2
4
6
8
10M
100M
500M
1812 G17
0
–2
–4
–6
VS = ±5V
TA = 25°C
AV = 2
RL = 100Ω
VS = ±2.5V
FREQUENCY (Hz)
1
0
4
8
10M
100M 200M
1812 G18
–4
–8
12
TA = 25°C
AV = –1
VS = ±5V
RF = RG = 500Ω
NO RL
CL= 1000pF
CL= 500pF
CL= 200pF
CL= 100pF
CL= 50pF
CL= 0


Similar Part No. - LT1812IS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1812IS8 LINER-LT1812IS8 Datasheet
230Kb / 16P
   3mA, 100MHz, 750V/ms Operational Amplifier with Shutdown
More results

Similar Description - LT1812IS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1813 LINER-LT1813 Datasheet
204Kb / 12P
   Dual 3mA, 100MHz, 750V/us Operational Amplifier
LT1812 LINER-LT1812_1 Datasheet
230Kb / 16P
   3mA, 100MHz, 750V/ms Operational Amplifier with Shutdown
LT1812 LINER-LT1812_15 Datasheet
250Kb / 16P
   3mA, 100MHz, 750V/s Operational Amplifi er with Shutdown
RH1814M LINER-RH1814M_15 Datasheet
648Kb / 8P
   Quad 3mA, 100MHz, 750V/s Operational Amplifier
RH1814M LINER-RH1814M Datasheet
88Kb / 8P
   Quad 3mA, 100MHz, 750V/關s Operational Amplifier
LT1813 LINER-LT1813_1 Datasheet
244Kb / 16P
   Dual/Quad 3mA, 100MHz, 750V/짰 Operational Amplifiers
RH1814 LINER-RH1814_15 Datasheet
130Kb / 2P
   Dual 3mA, 100MHz, 750V/s Operational Amplifi er
LT1813 LINER-LT1813_15 Datasheet
250Kb / 16P
   Dual/Quad 3mA, 100MHz, 750V/s Operational Amplifiers
LT1814 LINER-LT1814_15 Datasheet
250Kb / 16P
   Dual/Quad 3mA, 100MHz, 750V/s Operational Amplifiers
RH1814 LINER-RH1814 Datasheet
120Kb / 2P
   Dual 3mA, 100MHz, 750V/關s Operational Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com