Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1812IS8 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1812IS8
Description  3mA, 100MHz, 750V/us Operational Amplifier with Shutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1812IS8 Datasheet(HTML) 3 Page - Linear Technology

  LT1812IS8 Datasheet HTML 1Page - Linear Technology LT1812IS8 Datasheet HTML 2Page - Linear Technology LT1812IS8 Datasheet HTML 3Page - Linear Technology LT1812IS8 Datasheet HTML 4Page - Linear Technology LT1812IS8 Datasheet HTML 5Page - Linear Technology LT1812IS8 Datasheet HTML 6Page - Linear Technology LT1812IS8 Datasheet HTML 7Page - Linear Technology LT1812IS8 Datasheet HTML 8Page - Linear Technology LT1812IS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1812
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
(Note 4)
0.5
2.0
mV
IOS
Input Offset Current
30
400
nA
IB
Input Bias Current
– 1.0
±4
µA
en
Input Noise Voltage Density
f = 10kHz
8
nV/
√Hz
in
Input Noise Current Density
f = 10kHz
1
pA/
√Hz
RIN
Input Resistance
VCM = 1.5V to 3.5V
3
10
M
Differential
1.5
M
CIN
Input Capacitance
2pF
VCM
Input Voltage Range (Positive)
3.5
4
V
Input Voltage Range (Negative)
1
1.5
V
CMRR
Common Mode Rejection Ratio
VCM = 1.5V to 3.5V
73
82
dB
AVOL
Large-Signal Voltage Gain
VOUT = 1.5V to 3.5V, RL = 500Ω
1.0
2.0
V/mV
VOUT = 1.5V to 3.5V, RL = 100Ω
0.7
1.5
V/mV
VOUT
Maximum Output Swing (Positive)
RL = 500Ω, 30mV Overdrive
3.9
4.1
V
RL = 100Ω, 30mV Overdrive
3.7
3.9
V
Maximum Output Swing (Negative)
RL = 500Ω, 30mV Overdrive
0.9
1.1
V
RL = 100Ω, 30mV Overdrive
1.1
1.3
V
IOUT
Maximum Output Current
VOUT = 3.5V or 1.5V, 30mV Overdrive
±25
±40
mA
ISC
Output Short-Circuit Current
VOUT = 2.5V, 1V Overdrive (Note 3)
±55
±80
mA
SR
Slew Rate
AV = – 1 (Note 5)
200
350
V/
µs
FPBW
Full Power Bandwidth
1V Peak (Note 6)
55
MHz
GBW
Gain Bandwidth Product
f = 200kHz
65
94
MHz
tr, tf
Rise Time, Fall Time
AV = 1, 10% to 90%, 0.1V, RL = 100Ω
2.1
ns
OS
Overshoot
AV = 1, 0.1V, RL = 100Ω
25
%
tPD
Propagation Delay
AV = 1, 50% VIN to 50% VOUT, 0.1V, RL = 100Ω
3ns
ts
Settling Time
2V Step, 0.1%, AV = – 1
30
ns
THD
Total Harmonic Distortion
f = 1MHz, VOUT = 2VP-P, AV = 2, RL = 500Ω
–75
dB
Differential Gain
VOUT = 2VP-P, AV = 2, RL = 150Ω
0.22
%
Differential Phase
VOUT = 2VP-P, AV = 2, RL = 150Ω
0.21
DEG
ROUT
Output Resistance
AV = 1, f = 1MHz
0.45
ISHDN
SHDN Pin Current
SHDN > V + 2.0V (On)
0
±1
µA
SHDN < V + 0.4V (Off)
– 50
– 20
µA
IS
Supply Current
SHDN > V + 2.0V (On)
2.7
3.6
mA
SHDN < V + 0.4V (Off)
20
50
µA
TA = 25°C, VS = 5V, VCM = 2.5V, RL to 2.5V unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ISHDN
SHDN Pin Current
SHDN > V + 2.0V (On)
0
±1
µA
SHDN < V + 0.4V (Off)
–100
– 50
µA
IS
Supply Current
SHDN > V+ 2.0V (On)
3
3.6
mA
SHDN < V + 0.4V (Off)
50
100
µA
TA = 25°C, VS = ±5V, VCM = 0V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
(Note 4)
2
mV
∆VOS/∆T
Input Offset Voltage Drift
(Note 7)
10
15
µV/°C
IOS
Input Offset Current
500
nA
IB
Input Bias Current
±5
µA
0
°C ≤ TA ≤ 70°C, VS = ±5V, VCM = 0V unless otherwise noted.


Similar Part No. - LT1812IS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1812IS8 LINER-LT1812IS8 Datasheet
230Kb / 16P
   3mA, 100MHz, 750V/ms Operational Amplifier with Shutdown
More results

Similar Description - LT1812IS8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1813 LINER-LT1813 Datasheet
204Kb / 12P
   Dual 3mA, 100MHz, 750V/us Operational Amplifier
LT1812 LINER-LT1812_1 Datasheet
230Kb / 16P
   3mA, 100MHz, 750V/ms Operational Amplifier with Shutdown
LT1812 LINER-LT1812_15 Datasheet
250Kb / 16P
   3mA, 100MHz, 750V/s Operational Amplifi er with Shutdown
RH1814M LINER-RH1814M_15 Datasheet
648Kb / 8P
   Quad 3mA, 100MHz, 750V/s Operational Amplifier
RH1814M LINER-RH1814M Datasheet
88Kb / 8P
   Quad 3mA, 100MHz, 750V/關s Operational Amplifier
LT1813 LINER-LT1813_1 Datasheet
244Kb / 16P
   Dual/Quad 3mA, 100MHz, 750V/짰 Operational Amplifiers
RH1814 LINER-RH1814_15 Datasheet
130Kb / 2P
   Dual 3mA, 100MHz, 750V/s Operational Amplifi er
LT1813 LINER-LT1813_15 Datasheet
250Kb / 16P
   Dual/Quad 3mA, 100MHz, 750V/s Operational Amplifiers
LT1814 LINER-LT1814_15 Datasheet
250Kb / 16P
   Dual/Quad 3mA, 100MHz, 750V/s Operational Amplifiers
RH1814 LINER-RH1814 Datasheet
120Kb / 2P
   Dual 3mA, 100MHz, 750V/關s Operational Amplifi er
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com