Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSF20L200C Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSF20L200C
Description  Trench Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSF20L200C Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSF20L200C Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSF20L200C Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSF20L200C Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSF20L200C Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSF20L200C Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
- Patented Trench Schottky technology
- Excellent high temperature stability
- Low forward voltage
- Low power loss/ high efficiency
- High forward surge capability
- Halogen-free according to IEC 61249-2-21 definition
Molding compound meets UL 94 V-0 flammability rating
Packing code with suffix "G" means green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 2 whisker test
Mounting torque: 0.56 Nm max.
VRRM
V
dV/dt
V/μs
TYP
MAX
TYP
MAX
TYP
MAX
TYP
MAX
IF = 5A
0.62
-
0.68
-
0.78
-
0.81
-
IF = 10A
-
0.86
-
0.92
-
0.95
-
0.98
IF = 5A
0.55
-
0.58
-
0.64
-
0.67
-
IF = 10A
0.64
0.72
0.67
0.76
0.71
0.80
0.74
0.83
TJ = 25°C
-
100
-
100
-
100
-
100
μA
TJ = 125°C
-
15
-
15
1.5
10
1.5
10
mA
RθJC
°C/W
TJ
°C
TSTG
°C
Document Number: DS_1411073
Version: B14
ITO-220AB
SYMBOL
Storage temperature range
Note 1: Pulse test with pulse width=300μs, 1% duty cycle
Instantaneous reverse current per
diode at rated reverse voltage
IFSM
A
V
Peak forward surge current, 8.3ms single half
sine-wave superimposed on rated load per diode
Operating junction temperature range
Polarity:
As marked
Trench Schottky barrier rectifier are designed for high frequency
miniature switched mode power supplies such as adapters,
lighting and on-board DC/DC converters.
TSF20L
100C
Weight:
1.7 g (approximately)
Voltage rate of change (Rated VR)
100
per device
IF(AV)
10
20
TSF20L100C thru TSF20L200C
Taiwan Semiconductor
Trench Schottky Rectifier
FEATURES
- Compliant to RoHS directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
Maximum average forward
rectified current
A
TSF20L
150C
TYPICAL APPLICATIONS
Case:
ITO-220AB
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
per diode
- 55 to +150
4
TSF20L
200C
200
TJ = 125°C
TJ = 25°C
- 55 to +150
100
10000
120
UNIT
VF
TSF20L
120C
PARAMETER
MECHANICAL DATA
Typical thermal resistance per diode
IR
Maximum repetitive peak reverse voltage
150
Instantaneous forward
voltage per diode (Note1)


Similar Part No. - TSF20L200C

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TSF20L100C ISC-TSF20L100C Datasheet
290Kb / 2P
   Schottky Barrier Rectifier
logo
Taiwan Semiconductor Co...
TSF20L45C TSC-TSF20L45C Datasheet
460Kb / 5P
   Trench Schottky Rectifier
TSF20L60C TSC-TSF20L60C Datasheet
460Kb / 5P
   Trench Schottky Rectifier
More results

Similar Description - TSF20L200C

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSD30H100CW TSC-TSD30H100CW Datasheet
259Kb / 5P
   Trench Schottky Rectifier
TSF10H100C TSC-TSF10H100C_14 Datasheet
247Kb / 5P
   Trench Schottky Rectifier
TSF20H100C TSC-TSF20H100C_14 Datasheet
223Kb / 5P
   Trench Schottky Rectifier
TSF30L100C TSC-TSF30L100C Datasheet
247Kb / 5P
   Trench Schottky Rectifier
TSP15U100S TSC-TSP15U100S Datasheet
212Kb / 4P
   Trench Schottky Rectifier
TSP20U60S TSC-TSP20U60S Datasheet
229Kb / 4P
   Trench Schottky Rectifier
TSPB10U45S TSC-TSPB10U45S Datasheet
231Kb / 4P
   Trench Schottky Rectifier
TSPB15U50S TSC-TSPB15U50S Datasheet
231Kb / 4P
   Trench Schottky Rectifier
TSPB15U100S TSC-TSPB15U100S Datasheet
232Kb / 4P
   Trench Schottky Rectifier
TST20L100CW TSC-TST20L100CW Datasheet
223Kb / 5P
   Trench Schottky Rectifier
TST20U45C TSC-TST20U45C Datasheet
244Kb / 5P
   Trench Schottky Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com