Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APCD-850-07-C2 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # APCD-850-07-C2
Description  IR diode laser module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

APCD-850-07-C2 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  APCD-850-07-C2 Datasheet HTML 1Page - Roithner LaserTechnik GmbH APCD-850-07-C2 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
09.09.2011
APCD-850-07-C2
1 of 2
APCD-850-07-C2
TECHNICAL DATA
IR diode laser module
APCD-850-07 is a multi purpose small size infrared diode laser module featuring a fixfocus acrylic
lens, with integrated APC circuitry for long time stable operation
Features
• Small size (Ø 3.3 x 8.0 mm)
• Fixfocus
• APC (auto power control) IC integrated
• Low current consumption
• Surge current protection
• Excellent beam quality
• Laser class II
Absolute Maximum Ratings (TC=25°C)
Item
Symbol
Value
Unit
Power Supply Voltage
VCC
3.3
V
Output Power
PO
<1
mW
Operating Temperature
TC
0 … +40
°C
Storage Temperature
Tstg
0 … +60
°C
Specifications (Tc=25°C, Po<1mW, Vcc=3V)
Min.
Typ.
Max.
Unit
Optical
Center Wavelength
λ
C
-
845
-
nm
Output Power
-
-
1.0
mW
Divergence angle
2
mrad
Output Aparture
1.8
mm
Beam Size at 10M
20
mm
Electrical
Current draw
-
-
40
mA
Supply voltage
2.5
-
3.3
V
General
Body
Brass
Dimensions
3.3 x 8.0
mm
Lens
Acryl
Mean time to failure (MTTF)
>10000
h
The above specifications are for reference purpose only and subjected to change without prior notice


Similar Part No. - APCD-850-07-C2

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
APCD-850-07-C3 ROITHNER-APCD-850-07-C3 Datasheet
132Kb / 2P
   IR diode laser module
More results

Similar Description - APCD-850-07-C2

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
APCD-780-06-C3 ROITHNER-APCD-780-06-C3 Datasheet
133Kb / 2P
   IR diode laser module
APCD-850-06-C2 ROITHNER-APCD-850-06-C2 Datasheet
133Kb / 2P
   IR diode laser module
APCD-850-06-C3 ROITHNER-APCD-850-06-C3 Datasheet
133Kb / 2P
   IR diode laser module
LM-104-E002 ROITHNER-LM-104-E002 Datasheet
114Kb / 2P
   IR Diode Laser Module
LM-104-E130 ROITHNER-LM-104-E130 Datasheet
114Kb / 2P
   IR Diode Laser Module
LM-106-G130 ROITHNER-LM-106-G130 Datasheet
114Kb / 2P
   IR Diode Laser Module
APCD-780-07-C2 ROITHNER-APCD-780-07-C2 Datasheet
132Kb / 2P
   IR diode laser module
APCD-850-07-C3 ROITHNER-APCD-850-07-C3 Datasheet
132Kb / 2P
   IR diode laser module
LM-102-H130 ROITHNER-LM-102-H130 Datasheet
114Kb / 2P
   IR Diode Laser Module
APCD-780-06-C2 ROITHNER-APCD-780-06-C2 Datasheet
133Kb / 2P
   IR diode laser module
APCD-780-07-C3 ROITHNER-APCD-780-07-C3 Datasheet
132Kb / 2P
   IR diode laser module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com