Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSF10U60C Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSF10U60C
Description  Trench Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSF10U60C Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSF10U60C Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSF10U60C Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSF10U60C Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSF10U60C Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
Document Number: DS_D1411033
Version: E14
DESCRIPTION
50 / Tube
PACKING
(TA=25
oC unless otherwise noted)
RATINGS AND CHARACTERISTICS CURVES
PREFERRED
PART NO.
PART NO.
EXAMPLE
G
ITO-220AB
TSF10U60C
Taiwan Semiconductor
ORDERING INFORMATION
TSF10U60C
PACKING CODE
PACKING CODE
SUFFIX
PACKAGE
C0
TSF10U60C C0G
PACKING CODE
PACKING CODE
SUFFIX
TSF10U60C
C0
G
Green compound
0.01
0.1
1
10
100
10
20
30
40
50
60
70
80
90
100
Tj=25oC
Tj=100oC
Tj=125oC
Tj=150oC
10
100
1000
10000
0.1
1
10
100
f=1.0MHz
Vsig=50mVp-p
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
Tj=25oC
Tj=125oC
Tj=150oC
Tj=100oC
FIG. 2 TYPICAL FORWARD CHARACTERISTICS
0
1
2
3
4
5
6
0
25
50
75
100
125
150
WITH HEATSINK
4in x 6in x 0.25in
Al-Plate
FIG.1 FORWARD CURRENT DERATING CURVE
FIG. 4 TYPICAL JUNCTION CAPACITANCE
FIG. 3 TYPICAL REVERSE CHARACTERISTICS
CASE TEMPERATURE (oC)
FORWARD VOLTAGE (V)
REVERSE VOLTAGE (V)
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)


Similar Part No. - TSF10U60C

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSF10U60C TSC-TSF10U60C Datasheet
181Kb / 3P
   Trench MOS Barrier Schottky Rectifier
More results

Similar Description - TSF10U60C

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSD30H100CW TSC-TSD30H100CW Datasheet
259Kb / 5P
   Trench Schottky Rectifier
TSF10H100C TSC-TSF10H100C_14 Datasheet
247Kb / 5P
   Trench Schottky Rectifier
TSF20H100C TSC-TSF20H100C_14 Datasheet
223Kb / 5P
   Trench Schottky Rectifier
TSF30L100C TSC-TSF30L100C Datasheet
247Kb / 5P
   Trench Schottky Rectifier
TSP15U100S TSC-TSP15U100S Datasheet
212Kb / 4P
   Trench Schottky Rectifier
TSP20U60S TSC-TSP20U60S Datasheet
229Kb / 4P
   Trench Schottky Rectifier
TSPB10U45S TSC-TSPB10U45S Datasheet
231Kb / 4P
   Trench Schottky Rectifier
TSPB15U50S TSC-TSPB15U50S Datasheet
231Kb / 4P
   Trench Schottky Rectifier
TSPB15U100S TSC-TSPB15U100S Datasheet
232Kb / 4P
   Trench Schottky Rectifier
TST20L100CW TSC-TST20L100CW Datasheet
223Kb / 5P
   Trench Schottky Rectifier
TST20U45C TSC-TST20U45C Datasheet
244Kb / 5P
   Trench Schottky Rectifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com