Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSD30H150CW Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TSD30H150CW
Description  Trench Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSD30H150CW Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TSD30H150CW Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSD30H150CW Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSD30H150CW Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSD30H150CW Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSD30H150CW Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: DS_D1411019
Version: B15
TSD30H100CW - TSD30H200CW
Taiwan Semiconductor
0.00001
0.0001
0.001
0.01
0.1
1
10
100
10
20
30
40
50
60
70
80
90
100
FIG. 8 TYPICAL REVERSE CHARACTERISTICS
TSD30H150CW
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
TJ=150oC
TJ=125oC
TJ=25oC
TJ=100oC
10
100
1000
10000
0.1
1
10
100
FIG. 10 TYPICAL JUNCTION CAPACITANCE
f=1.0MHz
Vsig=50mVp-p
REVERSE VOLTAGE (V)
TSD30H200CW
TSD30H150CW
TSD30H100CW
TSD30H120CW
0.00001
0.0001
0.001
0.01
0.1
1
10
100
10
20
30
40
50
60
70
80
90
100
FIG. 9 TYPICAL REVERSE CHARACTERISTICS
TSD30H200CW
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
TJ=150oC
TJ=125oC
TJ=25oC
TJ=100oC
0.00001
0.0001
0.001
0.01
0.1
1
10
100
10
20
30
40
50
60
70
80
90
100
FIG. 7 TYPICAL REVERSE CHARACTERISTICS
TST30H120CW
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
TJ=150oC
TJ=125oC
TJ=25oC
TJ=100oC
TSD30H120CW
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
TJ=150oC
TJ=125oC
TJ=25oC
TJ=100oC
0.00001
0.0001
0.001
0.01
0.1
1
10
100
10
20
30
40
50
60
70
80
90
100
FIG. 6 TYPICAL REVERSE CHARACTERISTICS
TSD30H100CW
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
TJ=150oC
TJ=125oC
TJ=25oC
TJ=100oC
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
FIG. 5 TYPICAL FORWARD CHARACTERISTICS
TSD30H200CW
FORWARD VOLTAGE (V)
TJ=150oC
TJ=125oC
TJ=25oC
TJ=100oC


Similar Part No. - TSD30H150CW

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
TSD305-1C55 TEC-TSD305-1C55 Datasheet
354Kb / 12P
   DIGITAL TEMPERATURE SENSOR
logo
StarHope
TSD30U SPSEMI-TSD30U Datasheet
270Kb / 5P
   TSD(1800W) Series
More results

Similar Description - TSD30H150CW

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSF10H100C TSC-TSF10H100C_14 Datasheet
247Kb / 5P
   Trench Schottky Rectifier
TSF20H100C TSC-TSF20H100C_14 Datasheet
223Kb / 5P
   Trench Schottky Rectifier
TSF30L100C TSC-TSF30L100C Datasheet
247Kb / 5P
   Trench Schottky Rectifier
TSP15U100S TSC-TSP15U100S Datasheet
212Kb / 4P
   Trench Schottky Rectifier
TSP20U60S TSC-TSP20U60S Datasheet
229Kb / 4P
   Trench Schottky Rectifier
TSPB10U45S TSC-TSPB10U45S Datasheet
231Kb / 4P
   Trench Schottky Rectifier
TSPB15U50S TSC-TSPB15U50S Datasheet
231Kb / 4P
   Trench Schottky Rectifier
TSPB15U100S TSC-TSPB15U100S Datasheet
232Kb / 4P
   Trench Schottky Rectifier
TST20L100CW TSC-TST20L100CW Datasheet
223Kb / 5P
   Trench Schottky Rectifier
TST20U45C TSC-TST20U45C Datasheet
244Kb / 5P
   Trench Schottky Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com