Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSD20H150CW Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSD20H150CW
Description  Trench Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSD20H150CW Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSD20H150CW Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSD20H150CW Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSD20H150CW Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSD20H150CW Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSD20H150CW Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
- Patented Trench Schottky technology
- Excellent high temperature stability
- Low forward voltage
- Low power loss/ high efficiency
- High forward surge capability
- Halogen-free according to IEC 61249-2-21 definition
Molding compound meets UL 94 V-0 flammability rating
Packing code with suffix "G" means green compound (halogen-free)
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
VRRM
V
dV/dt
V/μs
TYP
MAX
TYP
MAX
TYP
MAX
TYP
MAX
IF = 5A
0.57
-
0.62
-
0.72
-
0.77
-
IF = 10A
0.67
0.79
0.78
0.87
0.81
0.90
0.83
0.93
IF = 5A
0.50
-
0.53
-
0.58
-
0.62
-
IF = 10A
0.59
0.68
0.63
0.72
0.66
0.75
0.68
0.78
TJ = 25°C
-
200
-
200
-
100
-
100
μA
TJ = 125°C
825825315315
mA
RθJC
°C/W
RθJL
°C/W
TJ
°C
TSTG
°C
Document Number: DS_D1411067
Version: C15
Instantaneous forward
voltage per diode
(Note1)
150
TSD20H100CW - TSD20H200CW
Weight:
1.6 g (approximately)
PARAMETER
SYMBOL
Taiwan Semiconductor
TSD20H
200CW
200
UNIT
TYPICAL APPLICATIONS
MECHANICAL DATA
Case:
TO-263AB (D
2PAK)
- 55 to +150
- 55 to +150
2.8
IR
TJ = 125°C
10
Peak forward surge current, 8.3ms single half
sine-wave superimposed on rated load per diode
Trench Schottky barrier rectifier are designed for high
frequency miniature switched mode power supplies such as
adapters, lighting and on-board DC/DC converters.
per diode
Polarity:
As marked
TSD20H
120CW
TSD20H
150CW
100
120
A
TSD20H
100CW
TJ = 25°C
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
150
20
10000
Maximum average
forward rectified current
per device
IF(AV)
VF
Trench Schottky Rectifier
FEATURES
- Compliant to RoHS directive 2011/65/EU and
in accordance to WEEE 2002/96/EC
Maximum repetitive peak reverse voltage
TO-263AB (D
2PAK)
Storage temperature range
Note 1: Pulse test with pulse width=300μs, 1% duty cycle
Instantaneous reverse current per
diode at rated reverse voltage
IFSM
A
V
Typical thermal resistance per diode
3.8
Operating junction temperature range
Voltage rate of change (Rated VR)
1
3
2


Similar Part No. - TSD20H150CW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSD20 ETC1-TSD20 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
logo
Taiwan Semiconductor Co...
TSD2098A TSC-TSD2098A Datasheet
199Kb / 4P
   Low Vcesat NPN Transistor
TSD2098ACYRM TSC-TSD2098ACYRM Datasheet
199Kb / 4P
   Low Vcesat NPN Transistor
logo
StarHope
TSD20U SPSEMI-TSD20U Datasheet
270Kb / 5P
   TSD(1800W) Series
More results

Similar Description - TSD20H150CW

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSD30H100CW TSC-TSD30H100CW Datasheet
259Kb / 5P
   Trench Schottky Rectifier
TSF10H100C TSC-TSF10H100C_14 Datasheet
247Kb / 5P
   Trench Schottky Rectifier
TSF20H100C TSC-TSF20H100C_14 Datasheet
223Kb / 5P
   Trench Schottky Rectifier
TSF30L100C TSC-TSF30L100C Datasheet
247Kb / 5P
   Trench Schottky Rectifier
TSP15U100S TSC-TSP15U100S Datasheet
212Kb / 4P
   Trench Schottky Rectifier
TSP20U60S TSC-TSP20U60S Datasheet
229Kb / 4P
   Trench Schottky Rectifier
TSPB10U45S TSC-TSPB10U45S Datasheet
231Kb / 4P
   Trench Schottky Rectifier
TSPB15U50S TSC-TSPB15U50S Datasheet
231Kb / 4P
   Trench Schottky Rectifier
TSPB15U100S TSC-TSPB15U100S Datasheet
232Kb / 4P
   Trench Schottky Rectifier
TST20L100CW TSC-TST20L100CW Datasheet
223Kb / 5P
   Trench Schottky Rectifier
TST20U45C TSC-TST20U45C Datasheet
244Kb / 5P
   Trench Schottky Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com