Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSD20H120CW Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TSD20H120CW
Description  Trench Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSD20H120CW Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TSD20H120CW Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSD20H120CW Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSD20H120CW Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSD20H120CW Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSD20H120CW Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Min
Max
Min
Max
A
9.600
10.050
0.378
0.396
B
14.920 15.520
0.587
0.611
C
D
0.675
0.975
0.027
0.038
E
F
4.390
4.790
0.173
0.189
G
1.150
1.450
0.045
0.057
H
I
9.170
9.370
0.361
0.369
J
0.400
0.600
0.016
0.024
K
L
1.150
1.550
0.045
0.061
P/N
= Specific Device Code
G
= Green Compound
YWW
= Date Code
F
= Factory Code
Document Number: DS_D1411067
Version: C15
MARKING DIAGRAM
TSD20H100CW - TSD20H200CW
Taiwan Semiconductor
PACKAGE OUTLINE DIMENSIONS
TO-263AB (D
2PAK)
DIM.
Unit (mm)
Unit (inch)
2.540 (TYP)
0.100 (TYP)
1.778 (TYP)
0.070 (TYP)
1.600 (TYP)
0.063 (TYP)
0.254 (TYP)
0.010 (TYP)


Similar Part No. - TSD20H120CW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSD20 ETC1-TSD20 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
logo
Taiwan Semiconductor Co...
TSD2098A TSC-TSD2098A Datasheet
199Kb / 4P
   Low Vcesat NPN Transistor
TSD2098ACYRM TSC-TSD2098ACYRM Datasheet
199Kb / 4P
   Low Vcesat NPN Transistor
logo
StarHope
TSD20U SPSEMI-TSD20U Datasheet
270Kb / 5P
   TSD(1800W) Series
More results

Similar Description - TSD20H120CW

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSD30H100CW TSC-TSD30H100CW Datasheet
259Kb / 5P
   Trench Schottky Rectifier
TSF10H100C TSC-TSF10H100C_14 Datasheet
247Kb / 5P
   Trench Schottky Rectifier
TSF20H100C TSC-TSF20H100C_14 Datasheet
223Kb / 5P
   Trench Schottky Rectifier
TSF30L100C TSC-TSF30L100C Datasheet
247Kb / 5P
   Trench Schottky Rectifier
TSP15U100S TSC-TSP15U100S Datasheet
212Kb / 4P
   Trench Schottky Rectifier
TSP20U60S TSC-TSP20U60S Datasheet
229Kb / 4P
   Trench Schottky Rectifier
TSPB10U45S TSC-TSPB10U45S Datasheet
231Kb / 4P
   Trench Schottky Rectifier
TSPB15U50S TSC-TSPB15U50S Datasheet
231Kb / 4P
   Trench Schottky Rectifier
TSPB15U100S TSC-TSPB15U100S Datasheet
232Kb / 4P
   Trench Schottky Rectifier
TST20L100CW TSC-TST20L100CW Datasheet
223Kb / 5P
   Trench Schottky Rectifier
TST20U45C TSC-TST20U45C Datasheet
244Kb / 5P
   Trench Schottky Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com