Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSD20H200CW Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSD20H200CW
Description  Trench Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSD20H200CW Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSD20H200CW Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSD20H200CW Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSD20H200CW Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSD20H200CW Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSD20H200CW Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Document Number: DS_D1411067
Version: C15
(TA = 25°C unless otherwise noted)
TSD20H100CW - TSD20H200CW
Taiwan Semiconductor
ORDER INFORMATION (EXAMPLE)
RATINGS AND CHARACTERISTICS CURVES
0
5
10
15
20
25
0
255075
100
125
150
FIG. 1 FORWARD CURRENT DERATING CURVE
WITH HEATSINK
3in x 5in x 0.25in
Al-Plate
CASE TEMPERATURE (oC)
0.01
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
FIG. 2 TYPICAL FORWARD CHARACTERISTICS
TSD20H100CW
FORWARD VOLTAGE (V)
TJ=150oC
TJ=125oC
TJ=25oC
TJ=100oC
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
FIG. 4 TYPICAL FORWARD CHARACTERISTICS
TSD20H150CW
FORWARD VOLTAGE (V)
TJ=150oC
TJ=125oC
TJ=25oC
TJ=100oC
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
FIG. 3 TYPICAL FORWARD CHARACTERISTICS
TSD20H120CW
FORWARD VOLTAGE (V)
TJ=150oC
TJ=125oC
TJ=25oC
TJ=100oC
TSD20H100CW C0G
Green compound code
Packing code
Part no.


Similar Part No. - TSD20H200CW

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSD20 ETC1-TSD20 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
logo
Taiwan Semiconductor Co...
TSD2098A TSC-TSD2098A Datasheet
199Kb / 4P
   Low Vcesat NPN Transistor
TSD2098ACYRM TSC-TSD2098ACYRM Datasheet
199Kb / 4P
   Low Vcesat NPN Transistor
logo
StarHope
TSD20U SPSEMI-TSD20U Datasheet
270Kb / 5P
   TSD(1800W) Series
More results

Similar Description - TSD20H200CW

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSD30H100CW TSC-TSD30H100CW Datasheet
259Kb / 5P
   Trench Schottky Rectifier
TSF10H100C TSC-TSF10H100C_14 Datasheet
247Kb / 5P
   Trench Schottky Rectifier
TSF20H100C TSC-TSF20H100C_14 Datasheet
223Kb / 5P
   Trench Schottky Rectifier
TSF30L100C TSC-TSF30L100C Datasheet
247Kb / 5P
   Trench Schottky Rectifier
TSP15U100S TSC-TSP15U100S Datasheet
212Kb / 4P
   Trench Schottky Rectifier
TSP20U60S TSC-TSP20U60S Datasheet
229Kb / 4P
   Trench Schottky Rectifier
TSPB10U45S TSC-TSPB10U45S Datasheet
231Kb / 4P
   Trench Schottky Rectifier
TSPB15U50S TSC-TSPB15U50S Datasheet
231Kb / 4P
   Trench Schottky Rectifier
TSPB15U100S TSC-TSPB15U100S Datasheet
232Kb / 4P
   Trench Schottky Rectifier
TST20L100CW TSC-TST20L100CW Datasheet
223Kb / 5P
   Trench Schottky Rectifier
TST20U45C TSC-TST20U45C Datasheet
244Kb / 5P
   Trench Schottky Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com