Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1786F Datasheet(PDF) 11 Page - Linear Technology

Part # LT1786F
Description  SMBus Programmable CCFL Switching Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1786F Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1786F Datasheet HTML 7Page - Linear Technology LT1786F Datasheet HTML 8Page - Linear Technology LT1786F Datasheet HTML 9Page - Linear Technology LT1786F Datasheet HTML 10Page - Linear Technology LT1786F Datasheet HTML 11Page - Linear Technology LT1786F Datasheet HTML 12Page - Linear Technology LT1786F Datasheet HTML 13Page - Linear Technology LT1786F Datasheet HTML 14Page - Linear Technology LT1786F Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
LT1786F
TI I G DIAGRA S
Timing for SMBus Interface
tBUF
tLOW
tHIGH
tr
tf
tHD:STA
tHD:DAT
SDA
SCL
tSU:DAT
tSU:STA
tSU:STO
STOP
1786 TD01
START
START
STOP
tHD:STA
Operating Sequence
SMBus Write Byte Protocol, with SMBus Address = 0101101B,
Command Byte = 0XXXXXXXB and Data Byte = 111111XXB
IOUT
SCL
S = START
P = STOP
* = OPTIONAL
SDA
S
1
0
2
1
3
0
4
1
5
1
6
0
7
1
XX
XX
X
X
X
1
1
1
1
1
1
X
X
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
P
FULL-SCALE
CURRENT
VCC
GND
1786
TD02
ZERO-SCALE
CURRENT
*
SMBUS ADDRESS
COMMAND BYTE
DATA BYTE
ADR
APPLICATIONS INFORMATION
Introduction
Current generation portable computers and instruments
use backlit Liquid Crystal Displays (LCDs). Cold Cathode
Fluorescent Lamps (CCFLs) provide the highest available
efficiency in back lighting the display. Providing the most
light out for the least amount of input power is the most
important goal. These lamps require high voltage AC to
operate, mandating an efficient high voltage DC/AC con-
verter. The lamps operate from DC, but migration effects
damage the lamp and shorten its lifetime. Lamp drive
should contain zero DC component. In addition to good
efficiency, the converter should deliver the lamp drive in
the form of a sine wave. This minimizes EMI and RF
emissions. Such emissions can interfere with other
devices and can also degrade overall operating efficiency.
Sinusoidal CCFL drive maximizes current-to-light conver-
sion in the lamp. The circuit should also permit lamp
intensity control from zero to full brightness with no
hysteresis or “pop-on.”
The small size and battery-powered operation associated
with LCD equipped apparatus dictate low component
count and high efficiency for these circuits. Size con-
straints place severe limitations on circuit architecture and
long battery life is a priority. Laptop and handheld portable
computers offer an excellent example. The CCFL and its
power supply can be responsible for almost 50% of the


Similar Part No. - LT1786F

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1786F LINER-LT1786F_15 Datasheet
380Kb / 20P
   SMBus Programmable CCFL Switching Regulator
More results

Similar Description - LT1786F

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1786F LINER-LT1786F_15 Datasheet
380Kb / 20P
   SMBus Programmable CCFL Switching Regulator
LT1186F LINER-LT1186F_15 Datasheet
221Kb / 16P
   DAC Programmable CCFL Switching Regulator
LT1186F LINER-LT1186F Datasheet
206Kb / 16P
   DAC Programmable CCFL Switching Regulator(Bits-to-NitsTM)
logo
Maxim Integrated Produc...
MAX8759 MAXIM-MAX8759 Datasheet
2Mb / 31P
   Low-Cost, SMBus, CCFL Backlight Controller
Rev 3; 4/14
logo
Marktech Corporate
MAX8759 MARKTECH-MAX8759 Datasheet
647Kb / 31P
   Low-Cost, SMBus, CCFL Backlight Controller
logo
Linear Technology
LTC1697 LINER-LTC1697 Datasheet
103Kb / 8P
   High Efficiency Low Power 1W CCFL Switching Regulator
LTC1697 LINER-LTC1697_15 Datasheet
113Kb / 8P
   High Efficiency Low Power 1W CCFL Switching Regulator
logo
Maxim Integrated Produc...
MAX8709B MAXIM-MAX8709B Datasheet
990Kb / 24P
   High-Efficiency CCFL Backlight Controller with SMBus Interface
Rev 0; 3/07
logo
Texas Instruments
PT6700 TI-PT6700 Datasheet
118Kb / 3P
[Old version datasheet]   13 AMP PROGRAMMABLE INTEGRATED SWITCHING REGULATOR
PT7711 TI-PT7711 Datasheet
184Kb / 9P
[Old version datasheet]   20-A Programmable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com