Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1761ES5-2.5 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1761ES5-2.5
Description  100mA, Low Noise, LDO Micropower Regulators in SOT-23
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1761ES5-2.5 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1761ES5-2.5 Datasheet HTML 5Page - Linear Technology LT1761ES5-2.5 Datasheet HTML 6Page - Linear Technology LT1761ES5-2.5 Datasheet HTML 7Page - Linear Technology LT1761ES5-2.5 Datasheet HTML 8Page - Linear Technology LT1761ES5-2.5 Datasheet HTML 9Page - Linear Technology LT1761ES5-2.5 Datasheet HTML 10Page - Linear Technology LT1761ES5-2.5 Datasheet HTML 11Page - Linear Technology LT1761ES5-2.5 Datasheet HTML 12Page - Linear Technology LT1761ES5-2.5 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT1761 Series
Reverse Output Current
Reverse Output Current
OUTPUT VOLTAGE (V)
100
90
80
70
60
50
40
30
20
10
0
1761 G33
0123
4
5
67
8
9
10
TJ = 25°C
VIN = 0V
CURRENT FLOWS
INTO OUTPUT PIN
VOUT = VADJ
(LT1761-BYP, -SD)
LT1761-BYP
LT1761-SD
LT1761-2
LT1761-3.3
LT1761-5
LT1761-1.8
LT1761-1.5
LT1761-2.5
LT1761-2.8
LT1761-3
TEMPERATURE (
°C)
–50
25.0
22.5
20.0
17.5
15.0
12.5
10.0
7.5
5.0
2.5
0
0
50
75
1761 G34
–25
25
100
125
VIN = 0V
VOUT = 1.22V (LT1761-BYP, -SD)
VOUT = 1.5V (LT1761-1.5)
VOUT = 1.8V (LT1761-1.8)
VOUT = 2V (LT1761-2)
VOUT = 2.5V (LT1761-2.5)
VOUT = 2.8V (LT1761-2.8)
VOUT = 3V (LT1761-3)
VOUT = 3.3V (LT1761-3.3)
VOUT = 5V (LT1761-5)
LT1761-BYP,-SD
LT1761-1.5,-1.8,-2,
-2.5,-2.8,-3,-3.3,-5
FREQUENCY (Hz)
80
70
60
50
40
30
20
10
0
10
1k
10k
1M
1761 G35
100
100k
IL = 100mA
VIN = VOUT(NOMINAL) +
1V + 50mVRMS RIPPLE
CBYP = 0
COUT = 1µF
COUT = 10µF
LT1761-BYP
LT1761-5
Input Ripple Rejection
TYPICAL PERFOR A CE CHARACTERISTICS
SHDN Pin Input Current
ADJ Pin Bias Current
Current Limit
TEMPERATURE (
°C)
–50
0
50
75
1761 G29
–25
25
100
125
VSHDN = 20V
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
TEMPERATURE (
°C)
–50
100
90
80
70
60
50
40
30
20
10
0
0
50
75
1761 G30
–25
25
100
125
INPUT VOLTAGE (V)
0
2
4
5
1761 G31
1
3
6
7
350
300
250
200
150
100
50
0
VOUT = 0V
TJ = 25°C
Current Limit
TEMPERATURE (
°C)
–50
0
50
75
1761 G32
–25
25
100
125
350
300
250
200
150
100
50
0
VIN = 7V
VOUT = 0V
SHDN PIN VOLTAGE (V)
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
1761 G28
0123
4
5
67
8
9
10
SHDN Pin Input Current
TEMPERATURE (
°C)
–50
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
50
75
1761 G27
–25
25
100
125
IL = 100mA
IL = 1mA
SHDN Pin Threshold
(Off-to-On)


Similar Part No. - LT1761ES5-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1761ES5-2.5 LINER-LT1761ES5-2.5 Datasheet
260Kb / 20P
   100mA, Low Noise,LDO Micropower Regulators in SOT-23
LT1761ES5-2.5 LINER-LT1761ES5-2.5 Datasheet
1Mb / 22P
   100mA, Low Noise, LDO Micropower Regulators in TSOT-23
logo
Linear Dimensions Semic...
LT1761ES5-2.5 LINEAR_DIMENSIONS-LT1761ES5-2.5 Datasheet
1Mb / 22P
   100mA, Low Noise, LDO Micropower Regulators in TSOT-23
logo
Linear Technology
LT1761ES5-2.5-PBF LINER-LT1761ES5-2.5-PBF Datasheet
1Mb / 22P
   100mA, Low Noise, LDO Micropower Regulators in TSOT-23
LT1761ES5-2.5-TR LINER-LT1761ES5-2.5-TR Datasheet
1Mb / 22P
   100mA, Low Noise, LDO Micropower Regulators in TSOT-23
More results

Similar Description - LT1761ES5-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1761 LINER-LT1761_1 Datasheet
260Kb / 20P
   100mA, Low Noise,LDO Micropower Regulators in SOT-23
logo
Linear Dimensions Semic...
LT1761ES5-BYPTRPBF LINEAR_DIMENSIONS-LT1761ES5-BYPTRPBF Datasheet
1Mb / 22P
   100mA, Low Noise, LDO Micropower Regulators in TSOT-23
logo
Linear Technology
LT1761 LINER-LT1761_10 Datasheet
1Mb / 22P
   100mA, Low Noise, LDO Micropower Regulators in TSOT-23
LT1761 LINER-LT1761_15 Datasheet
1Mb / 22P
   100mA, Low Noise, LDO Micropower Regulators in TSOT-23
logo
Fairchild Semiconductor
ILC7080 FAIRCHILD-ILC7080 Datasheet
574Kb / 16P
   50/100mA SOT-23 CMOS RF LDO Regulators
ILC7071 FAIRCHILD-ILC7071 Datasheet
110Kb / 11P
   100mA SOT-23-5 Low Noise CMOS RF-LDO Regulator
logo
Texas Instruments
LP2982 TI1-LP2982 Datasheet
1Mb / 28P
[Old version datasheet]   Micropower Ultra-Low-Dropout LDO in SOT-23 Package
logo
Linear Technology
LT1962EMS8-1.8 LINER-LT1962EMS8-1.8 Datasheet
281Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
LT1763 LINER-LT1763_15 Datasheet
1Mb / 22P
   500mA, Low Noise, LDO Micropower Regulators
LT1962EMS8-5PBF LINER-LT1962EMS8-5PBF Datasheet
297Kb / 16P
   300mA, Low Noise, Micropower LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com