Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1634BIS8-5 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1634BIS8-5
Description  Micropower Precision Shunt Voltage Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1634BIS8-5 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1634BIS8-5 Datasheet HTML 2Page - Linear Technology LT1634BIS8-5 Datasheet HTML 3Page - Linear Technology LT1634BIS8-5 Datasheet HTML 4Page - Linear Technology LT1634BIS8-5 Datasheet HTML 5Page - Linear Technology LT1634BIS8-5 Datasheet HTML 6Page - Linear Technology LT1634BIS8-5 Datasheet HTML 7Page - Linear Technology LT1634BIS8-5 Datasheet HTML 8Page - Linear Technology LT1634BIS8-5 Datasheet HTML 9Page - Linear Technology LT1634BIS8-5 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1634
REVERSE VOLTAGE (V)
0
4
6
1.6
1634-1.25 G01
2
0
0.4
0.8
1.2
10
8
TA = –40°C TO 85°C
Reverse Characteristics
REVERSE CURRENT (mA)
2
1
3
4
0.01
1
10
100
1634-1.25 G03
0
0.1
TA = –40°C TO 85°C
TEMPERATURE (
°C)
–40
1.5
0
1634-1.25 TA02
0
–1.0
–20
20
–1.5
–2.0
2.0
1.0
0.5
– 0.5
40
60
80
10
µA
100
µA
200
µA
500
µA
1mA
Temperature Drift
Reverse Voltage Change
vs Current
REVERSE CURRENT (mA)
1
10
100
0.001
0.1
1
100
1634-1.25 G04
0.1
0.01
10
TA = 25°C
f = 25Hz
Reverse Dynamic Impedance
Forward Characteristics
FORWARD CURRENT (mA)
0.4
0.8
1.2
0.01
1
10
100
1634-1.25 G06
0
0.1
TA = 25°C
0.1Hz to 10Hz Noise
TIME (SEC)
0
8
6
4
2
0
–2
–4
–6
–8
40
1634-1.25 G07
10
20
30
50
60
70
TA = –40°C TO 85°C
IR = 10µA
0V
20ms/DIV
1634-1.25 G09
IR = 10µA
COUT = 0.1µF
OUT
Response Time
Response Time
200
µs/DIV
1634-1.25 G08
IR = 10µA
COUT = 0
OUT
IN
FREQUENCY (kHz)
0.01
1
10
100
1634-1.25 G05
0.1
10000
1000
100
10
1
0.1
IR = 10µA
COUT = 0µF
IR = 10µA
COUT = 0.022µF
IR = 100µA
COUT = 0.47µF
IR = 100µA
COUT = 0µF
TA = 25°C
Dynamic Impedance vs Frequency
1.25V TYPICAL PERFOR A CE CHARACTERISTICS
0V
1.5V
0V
0.5V
1V
5V
1.5V
1V
0.5V
5V
0V
IN


Similar Part No. - LT1634BIS8-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1634 LINER-LT1634 Datasheet
162Kb / 8P
   Ultra Precision Reference
LT1634 LINER-LT1634 Datasheet
147Kb / 12P
   Nanopower Comparator with Reference
logo
Linear Integrated Syste...
LT1634 LINEAR-LT1634 Datasheet
105Kb / 8P
   2.5V Reference
logo
Linear Technology
LT1634 LINER-LT1634 Datasheet
1Mb / 14P
   Micropower Precision Shunt Voltage Reference
LT1634 LINER-LT1634_15 Datasheet
1Mb / 14P
   Micropower Precision Shunt Voltage Reference
More results

Similar Description - LT1634BIS8-5

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com