Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1767-5 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1767-5
Description  Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1767-5 Datasheet(HTML) 4 Page - Linear Technology

  LT1767-5 Datasheet HTML 1Page - Linear Technology LT1767-5 Datasheet HTML 2Page - Linear Technology LT1767-5 Datasheet HTML 3Page - Linear Technology LT1767-5 Datasheet HTML 4Page - Linear Technology LT1767-5 Datasheet HTML 5Page - Linear Technology LT1767-5 Datasheet HTML 6Page - Linear Technology LT1767-5 Datasheet HTML 7Page - Linear Technology LT1767-5 Datasheet HTML 8Page - Linear Technology LT1767-5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
LT1767/LT1767-1.8/
LT1767-2.5/LT1767-3.3/LT1767-5
sn1767 1767fas
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
125
1767 G04
1.40
1.38
1.36
1.34
1.32
1.30
VIN (V)
0
5
10
15
20
25
30
1767 G05
7
6
5
4
3
2
1
0
SHDN = 0V
LOAD CURRENT (A)
0.001
0.01
0.1
1
1767 G07
3.5
3.3
3.1
2.9
2.7
2.5
SHUTDOWN VOLTAGE (V)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1767 G08
300
250
200
150
100
50
0
VIN = 15V
INPUT VOLTAGE (V)
0
5
10
15
20
25
30
1767 G09
1200
1000
800
600
400
200
0
MINIMUM
INPUT
VOLTAGE
SHDN IP Current vs Temperature
SHDN Threshold vs Temperature
SHDN Supply Current vs VIN
Minimum Input Voltage for 2.5V Out
SHDN Supply Current
Input Supply Current
FEEDBACK VOLTAGE (V)
0
0.2
0.4
0.6
0.8
1
1.2
1767 G10
2.0
1.5
1.0
0.5
0
40
30
20
10
0
FB CURRENT
SWITCH CURRENT
1767 G11
INPUT VOLTAGE (V)
0
5
10
15
20
25
1.5
1.3
1.1
0.9
0.7
0.5
L = 4.7
µH
L = 2.2
µH
L = 1.5
µH
INPUT VOLTAGE (V)
05
10
15
20
25
1767 G12
1.5
1.3
1.1
0.9
0.7
L = 4.7
µH
L = 2.2
µH
L = 1.5
µH
Current Limit Foldback
Maximum Load Current,
VOUT = 5V
Maximum Load Current,
VOUT = 2.5V
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (
°C)
–50
–25
0
25
50
75
100
125
1767 G06
–12
–10
–8
–6
–4
–2
0
STARTING UP
SHUTTING DOWN


Similar Part No. - LT1767-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1767-5 LINER-LT1767-5_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
More results

Similar Description - LT1767-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1767-5 LINER-LT1767-5_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767 LINER-LT1767_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-2.5 LINER-LT1767-2.5_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-3.3 LINER-LT1767-3.3_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767EMS8-18 LINER-LT1767EMS8-18 Datasheet
256Kb / 16P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
LT1767-1.8 LINER-LT1767-1.8_15 Datasheet
435Kb / 20P
   Monolithic 1.5A, 1.25MHz Step-Down Switching Regulators
logo
Semtech Corporation
SC4517A SEMTECH-SC4517A Datasheet
269Kb / 15P
   1.25MHz, 1.5A Step-Down Switching Regulator
logo
Linear Technology
LT1765-5 LINER-LT1765-5_15 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765 LINER-LT1765 Datasheet
247Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
LT1765ES8 LINER-LT1765ES8 Datasheet
216Kb / 20P
   Monolithic 3A, 1.25MHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com