Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS10K60 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS10K60
Description  Glass Passivated Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS10K60 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS10K60 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS10K60 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS10K60 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS10K60 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CREAT BY ART
- Glass passivated junction
- Ideal for printed circuit board
- Typical IR less than 0.1μA
- High surge current capability
- UL Recognized File # E-326243
- Halogen-free according to IEC 61249-2-21 definition
Molding compound, UL flammability classification rating 94V-0
Base P/N with suffix "G" on packing code - halogen-free
Terminal:
Matte tin plated leads, solderable per JESD22-B102
Meet JESD 201 class 1A whisker test
SYMBOL
Unit
VRRM
V
VRMS
V
VDC
V
IF(AV)
A
I
2tA2s
RθJC
OC/W
TJ
OC
TSTG
OC
Document Number: DS_D1312001
Version: D13
Note 1: Pulse test with PW=300μs, 1% duty cycle
Typical thermal resistance
2.3
Operating junction temperature range
- 55 to +150
Storage temperature range
- 55 to +150
Maximum instantaneous forward voltage
IF= 5 A
(Note 1)
IF= 10 A
VF
1.0
1.1
V
Maximum DC reverse current
TJ=25 ℃
at rated DC blocking voltage
TJ=125℃
IR
10
500
μA
Peak forward surge current, 8.3 ms single half sine-wave
superimposed on rated load
IFSM
150
A
Rating for fusing (t<8.3ms)
93
Maximum DC blocking voltage
400
600
800
Maximum average forward rectified current
10
Maximum repetitive peak reverse voltage
400
600
800
Maximum RMS voltage
280
420
560
Mounting torque:
8.17 in-lbs maximum
Weight:
4 g (approximately)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25℃ unless otherwise noted)
PARAMETER
TS10K40
TS10K60
TS10K80
TS4K
MECHANICAL DATA
Case:
TS4K
Polarity:
Polarity as marked on the body
TS10K40 thru TS10K80
Taiwan Semiconductor
Glass Passivated Bridge Rectifiers
FEATURES
- Compliant to RoHS Directive 2011/65/EU and
in accordance to WEEE 2002/96/EC


Similar Part No. - TS10K60

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS10K60 TSC-TS10K60 Datasheet
208Kb / 3P
   Glass Passivated Bridge Rectifiers
TS10K60-A TSC-TS10K60-A Datasheet
456Kb / 5P
   10A, 400V - 800V Glass Passivated Bridge Rectifier
More results

Similar Description - TS10K60

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com