Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS10B05G Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS10B05G
Description  Glass Passivated Bridge Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS10B05G Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS10B05G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS10B05G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS10B05G Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS10B05G Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PART NO.
Note 1: "x" defines voltage from 50V (TS10B01G) to 1000V (TS10B07G)
PART NO.
TS10B01G
TS10B01G
(TA=25℃ unless otherwise noted)
Document Number: DS_D1311041
Version: G13
EXAMPLE
TS10B01G thru TS10B07G
Taiwan Semiconductor
PACKING
20 / TUBE
Forming
20 / TUBE
ORDERING INFORMATION
PACKING CODE GREEN COMPOUND
CODE
PACKAGE
TS10B0xG
(Note 1)
C2
Suffix "G"
TS4B
X0
TS4B
D2
TS4B
PREFERRED P/N
PACKING CODE
GREEN COMPOUND
CODE
DESCRIPTION
RATINGS AND CHARACTERISTICS CURVES
TS10B01G C2
C2
TS10B01G C2G
C2
G
Green compound
0
2
4
6
8
10
12
50
60
70
80
90
100 110 120 130 140 150
CASE TEMPERATURE (oC)
FIG.1 FORWARD CURRENT DERATING CURVE
RESISTIVE OR
INDUCTIVE LOAD
WITH HEATSINK
0
50
100
150
200
250
300
1
10
100
NUMBER OF CYCLES AT 60 Hz
FIG. 3 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3ms Single Half Sine Wave
JEDEC Method
0.1
1
10
100
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
FIG. 2 TYPICAL REVERSE CHARACTERISTICS
TJ=25℃
TJ=125℃
0.1
1
10
100
0.6
0.8
1
1.2
1.4
1.6
1.8
2
FORWARD VOLTAGE (V)
FIG. 4 TYPICAL FORWARD CHARACTERISTICS


Similar Part No. - TS10B05G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS10B05G TSC-TS10B05G Datasheet
109Kb / 2P
   Single Phase 10.0 Amps. Glass Passivated Bridge Rectifiers
TS10B05G TSC-TS10B05G Datasheet
194Kb / 2P
   Single Phase 10.0 Amps. Glass Passivated Bridge Rectifiers
TS10B05G TSC-TS10B05G Datasheet
132Kb / 2P
   Single Phase 10.0 AMPS. Glass Passivated Bridge Rectifiers
TS10B05G TSC-TS10B05G Datasheet
194Kb / 4P
   10A, 50V - 1000V Glass Passivated Bridge Rectifiers
More results

Similar Description - TS10B05G

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com