Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1720 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1720
Description  Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1720 Datasheet(HTML) 3 Page - Linear Technology

  LT1720 Datasheet HTML 1Page - Linear Technology LT1720 Datasheet HTML 2Page - Linear Technology LT1720 Datasheet HTML 3Page - Linear Technology LT1720 Datasheet HTML 4Page - Linear Technology LT1720 Datasheet HTML 5Page - Linear Technology LT1720 Datasheet HTML 6Page - Linear Technology LT1720 Datasheet HTML 7Page - Linear Technology LT1720 Datasheet HTML 8Page - Linear Technology LT1720 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
3
LT1720/LT1721
ELECTRICAL CHARACTERISTICS The q denotes specifications that apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. VCC = 5V, VCM = 1V, COUT = 10pF, VOVERDRIVE = 20mV, unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IB
Input Bias Current
q
–6
0
µA
IOS
Input Offset Current
q
0.6
µA
CMRR
Common Mode Rejection Ratio
(Note 4)
q
55
70
dB
PSRR
Power Supply Rejection Ratio
(Note 5)
q
65
80
dB
AV
Voltage Gain
(Note 6)
VOH
Output High Voltage
ISOURCE = 4mA, VIN = VTRIP+ + 10mV
q
VCC – 0.4
V
VOL
Output Low Voltage
ISINK = 10mA, VIN = VTRIP– – 10mV
q
0.4
V
ICC
Supply Current (Per Comparator)
VCC = 5V
q
47
mA
VCC = 3V
q
3.5
6
mA
tPD20
Propagation Delay
VOVERDRIVE = 20mV (Note 7)
4.5
6.5
ns
q
8.0
ns
tPD5
Propagation Delay
VOVERDRIVE = 5mV (Notes 7, 8)
7
10
ns
q
13
ns
∆tPD
Differential Propagation Delay
(Note 9) Between Channels
0.3
1.0
ns
tSKEW
Propagation Delay Skew
(Note 10) Between tPD
+/tPD–
0.5
1.5
ns
tr
Output Rise Time
10% to 90%
2.5
ns
tf
Output Fall Time
90% to 10%
2.2
ns
tJITTER
Output Timing Jitter
VIN = 1.2VP-P (6dBm), ZIN = 50Ω
tPD+
15
psRMS
VCM = 2V, f = 20MHz
tPD
11
psRMS
fMAX
Maximum Toggle Frequency
VOVERDRIVE = 50mV, VCC = 3V
70.0
MHz
VOVERDRIVE = 50mV, VCC = 5V
62.5
MHz
Note 1: Absolute Maximum Ratings are those values beyond which the
life of a device may be impaired.
Note 2: If one input is within these common mode limits, the other
input can go outside the common mode limits and the output will be
valid.
Note 3: The LT1720/LT1721 comparators include internal hysteresis.
The trip points are the input voltage needed to change the output state
in each direction. The offset voltage is defined as the average of VTRIP+
and VTRIP–, while the hysteresis voltage is the difference of these two.
Note 4: The common mode rejection ratio is measured with VCC = 5V
and is defined as the change in offset voltage measured from VCM =
– 0.1V to VCM = 3.8V, divided by 3.9V.
Note 5: The power supply rejection ratio is measured with VCM = 1V
and is defined as the change in offset voltage measured from VCC =
2.7V to VCC = 6V, divided by 3.3V.
Note 6: Because of internal hysteresis, there is no small-signal region
in which to measure gain. Proper operation of internal circuity is
ensured by measuring VOH and VOL with only 10mV of overdrive.
Note 7: Propagation delay measurements made with 100mV steps.
Overdrive is measured relative to VTRIP±.
Note 8: tPD cannot be measured in automatic handling equipment with
low values of overdrive. The LT1720/LT1721 are 100% tested with a
100mV step and 20mV overdrive. Correlation tests have shown that
tPD limits can be guaranteed with this test, if additional DC tests are
performed to guarantee that all internal bias conditions are correct.
Note 9: Differential propagation delay is defined as the larger of the
two:
∆tPDLH = tPDLH(MAX) – tPDLH(MIN)
∆tPDHL = tPDHL(MAX) – tPDHL(MIN)
where (MAX) and (MIN) denote the maximum and minimum values of
a given measurement across the different comparator channels.
Note 10: Propagation Delay Skew is defined as:
tSKEW = |tPDLH – tPDHL|


Similar Part No. - LT1720

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1720 LINER-LT1720 Datasheet
246Kb / 28P
   UltraFast:4.5ns at 20mV Overdrive 7ns at 5mV Overdrive
LT1720 LINER-LT1720 Datasheet
700Kb / 30P
   280MHz, 2.9ns Comparator Family with Rail-to-Rail Inputs and CMOS Outputs
LT1720CDD LINER-LT1720CDD Datasheet
246Kb / 28P
   UltraFast:4.5ns at 20mV Overdrive 7ns at 5mV Overdrive
LT1720CMS8 LINER-LT1720CMS8 Datasheet
246Kb / 28P
   UltraFast:4.5ns at 20mV Overdrive 7ns at 5mV Overdrive
LT1720CS8 LINER-LT1720CS8 Datasheet
246Kb / 28P
   UltraFast:4.5ns at 20mV Overdrive 7ns at 5mV Overdrive
More results

Similar Description - LT1720

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1721 LINER-LT1721_15 Datasheet
273Kb / 28P
   Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
LT1720 LINER-LT1720_15 Datasheet
273Kb / 28P
   Dual/Quad, 4.5ns, Single Supply 3V/5V Comparators with Rail-to-Rail Outputs
LT1711 LINER-LT1711 Datasheet
214Kb / 12P
   Single/Dual 4.5ns, 3V/5V, Rail-to-Rail Comparators
LT1711 LINER-LT1711_15 Datasheet
226Kb / 12P
   Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1712 LINER-LT1712_15 Datasheet
226Kb / 12P
   Single/Dual 4.5ns, 3V/5V/5V, Rail-to-Rail Comparators
LT1719 LINER-LT1719 Datasheet
217Kb / 16P
   4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
LT1719 LINER-LT1719_1 Datasheet
215Kb / 20P
   4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
LT1719 LINER-LT1719_15 Datasheet
220Kb / 22P
   4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
logo
Maxim Integrated Produc...
MAX9140 MAXIM-MAX9140_10 Datasheet
342Kb / 15P
   40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 3; 1/10
MAX9140 MAXIM-MAX9140 Datasheet
326Kb / 12P
   40ns, Low-Power, 3V/5V, Rail-to-Rail Single-Supply Comparators
Rev 0; 6/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com